Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT164E Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74ACT164E
Description  8-Bit Serial-In/Parallel-Out Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT164E Fiches technique(HTML) 5 Page - Texas Instruments

  CD74ACT164E Datasheet HTML 1Page - Texas Instruments CD74ACT164E Datasheet HTML 2Page - Texas Instruments CD74ACT164E Datasheet HTML 3Page - Texas Instruments CD74ACT164E Datasheet HTML 4Page - Texas Instruments CD74ACT164E Datasheet HTML 5Page - Texas Instruments CD74ACT164E Datasheet HTML 6Page - Texas Instruments CD74ACT164E Datasheet HTML 7Page - Texas Instruments CD74ACT164E Datasheet HTML 8Page - Texas Instruments CD74ACT164E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
AC TYPES
Max. Clock Frequency
fMAX
1.5
7
-
6
-
MHz
3.3
(Note 9)
62
-
54
-
MHz
5
(Note 10)
86
-
75
-
MHz
MR Pulse Width
tW
1.5
49
-
56
-
ns
3.3
5.5
-
6.3
-
ns
5
3.9
-
4.5
-
ns
CP Pulse Width
tW
1.5
73
-
84
-
ns
3.3
8.2
-
9.4
-
ns
5
5.9
-
6.7
-
ns
Set-up Time
tSU
1.5
27
-
31
-
ns
3.3
3.1
-
3.5
-
ns
5
2.2
-
2.5
-
ns
Hold Time
tH
1.5
27
-
31
-
ns
3.3
3.1
-
3.5
-
ns
5
2.2
-
2.5
-
ns
MR to CP Removal Time
tREM
1.5
1
-
1
-
ns
3.3
1
-
1
-
ns
51
-
1
-
ns
ACT TYPES
Max. Clock Frequency
fMAX
5
(Note 10)
80
-
70
-
MHz
MR Pulse Width
tW
5
3.9
-
4.5
-
ns
CP Pulse Width
tW
5
6.2
-
7.1
-
ns
Set-up Time
tSU
5
2.2
-
2.5
-
ns
Hold Time
tH
5
2.6
-
3
-
ns
MR to CP Removal Time
tREM
50
-
0
-
ns
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
CP to Qn
tPLH, tPHL
1.5
-
-
143
-
-
157
ns
3.3
(Note 9)
4.5
-
15.9
4.4
-
17.5
ns
5
(Note 10)
3.2
-
11.4
3.1
-
12.5
ns
CD54/74AC164, CD54/74ACT164


Numéro de pièce similaire - CD74ACT164E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74ACT164E TI-CD74ACT164E Datasheet
261Kb / 13P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD74ACT164E TI-CD74ACT164E Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD74ACT164EE4 TI-CD74ACT164EE4 Datasheet
261Kb / 13P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
More results

Description similaire - CD74ACT164E

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com