Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC123AMTC Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74VHC123AMTC
Description  Dual Retriggerable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC123AMTC Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74VHC123AMTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 9Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 10Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 11Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC123A Rev. 1.2
8
AC Electrical Characteristics(4)
Notes:
4. Refer to Timing Chart.
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN+ ICC
1 • Duty / 100 + I
CC / 2 (per Circuit)
ICC
1: Active Supply Current
Duty: %
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay Time
(A, B–Q, Q)
3.3 ± 0.3
CL = 15 pF
13.4
20.6
1.0
24.0
ns
CL = 50 pF
15.9
24.1
1.0
27.5
5.0 ± 0.5
CL = 15 pF
8.1
12.0
1.0
14.0
ns
CL = 50 pF
9.6
14.0
1.0
16.0
tPLH, tPHL Propagation Delay Time
(CLR Trigger—Q, Q)
3.3 ± 0.3
CL = 15 pF
14.5
22.4
1.0
26.0
ns
CL = 50 pF
17.0
25.9
1.0
29.5
5.0 ± 0.5
CL = 15 pF
8.7
12.9
1.0
15.0
ns
CL = 50 pF
10.2
14.9
1.0
17.0
tPLH, tPHL Propagation Delay Time
(CLR—Q, Q)
3.3 ± 0.3
CL = 15 pF
10.3
15.8
1.0
18.5
ns
CL = 50 pF
12.8
19.3
1.0
22.0
5.0 ± 0.5
CL = 15 pF
6.3
9.4
1.0
11.0
ns
CL = 50 pF
7.8
11.4
1.0
13.0
tWOUT
Output Pulse Width
3.3 ± 0.3
CL = 50pF, Cx = 28pF,
Rx = 2kΩ
160
240
300
ns
5.0 ± 0.5
133
200
240
3.3 ± 0.3
CL = 50pF, Cx = 0.01µF,
Rx = 10kΩ
90
100
110
90
110
µs
5.0 ± 0.5
90
100
110
90
110
3.3 ± 0.3
CL = 50pF, Cx = 0.1µF,
Rx = 1kΩ
0.9
1.0
1.1
0.9
1.1
ms
5.0 ± 0.5
0.9
1.0
1.1
0.9
1.1
∆t
WOUT
Output Pulse Width Error
Between Circuits
(In same Package)
±1
%
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(5)
73
pF


Numéro de pièce similaire - 74VHC123AMTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
107Kb / 9P
   Dual Retriggerable Monostable Multivibrator
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123AMTC ONSEMI-74VHC123AMTC Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results

Description similaire - 74VHC123AMTC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com