Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYP25A1 Fiches technique(PDF) 1 Page - Semikron International

No de pièce BYP25A1
Description  Silicon Press-Fit-Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

BYP25A1 Fiches technique(HTML) 1 Page - Semikron International

  BYP25A1 Datasheet HTML 1Page - Semikron International BYP25A1 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Press-Fit-Diodes
BYP 25A05...BYP 25K6
Forward Current: 25 A
Reverse Voltage: 50 to 600 V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
BYP 25A05 ... BYP 25K6
1
10-04-2006 SCT
© by SEMIKRON


Numéro de pièce similaire - BYP25A1

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BYP25A1 DIOTEC-BYP25A1 Datasheet
191Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
logo
Semikron International
BYP25A1 SEMIKRON-BYP25A1 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP25A1 DIOTEC-BYP25A1 Datasheet
71Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A1 DIOTEC-BYP25A1 Datasheet
109Kb / 2P
   Silicon-Press-Fit-Diodes ??High Temperature Diodes
BYP25A1 DIOTEC-BYP25A1 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
More results

Description similaire - BYP25A1

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
   Silicon Press-Fit-Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35 SAMYANG-BYP35 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
KYZ35A05 DIOTEC-KYZ35A05 Datasheet
179Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
   Silicon Press-Fit-Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com