Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9245BCPZ-802 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9245BCPZ-802
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9245BCPZ-802 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9245BCPZ-802 Datasheet HTML 7Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 8Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 9Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 10Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 11Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 12Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 13Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 14Page - Analog Devices AD9245BCPZ-802 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9245
Rev. D | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DNC 1
CLK 2
DNC 3
PDWN 4
(LSB) D0 5
D1 6
D2 7
D3 8
24 VREF
23 SENSE
22 MODE
21 OTR
20 D13 (MSB)
19 D12
18 D11
17 D10
AD9245
CSP
TOP VIEW
(Not to Scale)
Figure 3. LFCSP Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
DNC
Do Not Connect
2
CLK
Clock Input Pin
4
PDWN
Power-Down Function Select
5 to 14, 17 to 20
D0 (LSB) to D13 (MSB)
Data Output Bits
15
DGND
Digital Output Ground
16
DRVDD
Digital Output Driver Supply
21
OTR
Out-of-Range Indicator
22
MODE
Data Format Select and DCS Mode Selection (See Table 11)
23
SENSE
Reference Mode Selection (See Table 10)
24
VREF
Voltage Reference Input/Output
25
REFB
Differential Reference (–)
26
REFT
Differential Reference (+)
27, 32
AVDD
Analog Power Supply
28, 31
AGND
Analog Ground
29
VIN+
Analog Input Pin (+)
30
VIN–
Analog Input Pin (–)


Numéro de pièce similaire - AD9245BCPZ-802

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-65EB AD-AD9245BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-80EB AD-AD9245BCP-80EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Description similaire - AD9245BCPZ-802

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com