Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YSS944 Fiches technique(PDF) 22 Page - YAMAHA CORPORATION

No de pièce YSS944
Description  ADAMB Advanced Digital Audio Multi channel decode processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS944 Fiches technique(HTML) 22 Page - YAMAHA CORPORATION

Back Button YSS944 Datasheet HTML 18Page - YAMAHA CORPORATION YSS944 Datasheet HTML 19Page - YAMAHA CORPORATION YSS944 Datasheet HTML 20Page - YAMAHA CORPORATION YSS944 Datasheet HTML 21Page - YAMAHA CORPORATION YSS944 Datasheet HTML 22Page - YAMAHA CORPORATION YSS944 Datasheet HTML 23Page - YAMAHA CORPORATION YSS944 Datasheet HTML 24Page - YAMAHA CORPORATION YSS944 Datasheet HTML 25Page - YAMAHA CORPORATION YSS944 Datasheet HTML 26Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
YSS944/943/940
22
0x66
Bitstream14 R/W 0x00
Main decoder’s decode information output
0x67
Bitstream15 R/W 0x00
Main decoder’s decode information output
0x68
Bitstream16 R/W 0x00
Main decoder’s decode information output
0x69
Bitstream17 R/W 0x00
Main decoder’s decode information output
0x6A Bitstream18 R/W 0x00
Main decoder’s decode information output
0x6B
Bitstream19 R/W 0x00
Main decoder’s decode information output
0x6C
Bitstream20 R/W 0x00
Main decoder’s decode information output
0x6D
Test
Access prohibited.
0x6E
Test
Access prohibited.
0x6F
Test
Access prohibited.
0x70
Test
Access prohibited.
0x71
Test
Access prohibited.
0x72
Test
Access prohibited.
0x73
Test
Access prohibited.
0x74
Test
Access prohibited.
0x75
Test
Access prohibited.
0x76
Test
Access prohibited.
0x77
Test
Access prohibited.
0x78
Test
Access prohibited.
0x79
Test
Access prohibited.
0x7A
PLL0
R/W 0x1B
0
PLL_F[6:0]
0x7B
PLL1
R/W 0x00
PLL_OD[1:0]
PLL_RDIV1
PLL_R[4:0]
0x7C
nReset
R/W 0x00
nRESET
0
0
0
IC[3:0]
0x7D
Power
R/W 0x80
PD[1:0]
0
0
0
0
UP
DOWN
0x7E
ADAMID
R
0x01
0x00
0
0
0
0
0
ADAM_ID[2:0]
0x7F
DevID
R
0x03
DEV_ID = 0x03
[Note]
Register addresses 0x6D to 0x79 comprise a test area. Writing of values to this area is prohibited and read
values are undefined.
Access conditions for other addresses are shown below.
(Bold frame) indicates area that is accessible regardless of PD[1:0] value.
(Narrow frame) indicates area that is accessible only when PD[1:0] = 00. When PD[1:0] is not “00”
values in this area are undefined when read or written.
0
(Shaded) indicates areas reserved for future expansion. Write zeros to these areas. Their output is
undefined.


Numéro de pièce similaire - YSS944

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Description similaire - YSS944

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
   Multi-channel digital audio processor with DDX TM
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com