Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YSS944 Fiches technique(PDF) 6 Page - YAMAHA CORPORATION

No de pièce YSS944
Description  ADAMB Advanced Digital Audio Multi channel decode processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS944 Fiches technique(HTML) 6 Page - YAMAHA CORPORATION

Back Button YSS944 Datasheet HTML 2Page - YAMAHA CORPORATION YSS944 Datasheet HTML 3Page - YAMAHA CORPORATION YSS944 Datasheet HTML 4Page - YAMAHA CORPORATION YSS944 Datasheet HTML 5Page - YAMAHA CORPORATION YSS944 Datasheet HTML 6Page - YAMAHA CORPORATION YSS944 Datasheet HTML 7Page - YAMAHA CORPORATION YSS944 Datasheet HTML 8Page - YAMAHA CORPORATION YSS944 Datasheet HTML 9Page - YAMAHA CORPORATION YSS944 Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
YSS944/943/940
6
Type
Pin
No.
Pin Name
I/O
Note 1)
Function
61
62
69
77
78
86
87
93
94
105
106
117
118
123
129
130
139
140
1
AHVSS
Ground pin 2 for PLL analog block.
Be sure to insert a 0.1
µF capacitor between the AHVDD and AHVSS
pins.
2
AHVSSG
Ground pin 3 for PLL analog block.
Be sure to insert a 0.1
µF capacitor between the AHVDDG and
AHVSSG pins.
3
DVSS
Ground pin for PLL digital block.
Be sure to insert a 0.1
µF capacitor between the DVDD and DVSS
pins.
141
AVSSR
Ground pin 1 for PLL analog block.
Be sure to insert a 0.1
µF capacitor between the AVDDR and AVSSR
pins.
Initial clear
131
nIC
Is
Hardware reset input pin
The LSI is initialized when this pin is at low level.
18
XI
I
Clock input pin.
Connect this pin as shown in the circuit example Note 2) of the
12.288 MHz crystal oscillator.
If not connected to a crystal oscillator, input a 12.288 MHz clock to
this pin.
Clock
19
XO
O
This is the output pin for the crystal oscillator.
Connect this pin as shown in the circuit example Note 2).
If not connected to a crystal oscillator and inputting directly to the XI
pin, do not connect anything to this pin. Do not use this pin for any
purpose other than clock oscillation.
126
nMICS
Is
This is the microprocessor interface’s chip select input pin.
Input to the MISCK and MISI pins becomes valid when this pin is at
low level.
125
MISCK
Is
This is the microprocessor interface’s clock input pin.
124
MISI
I
This is the microprocessor interface’s address read/write control and
data input pin.
Microprocessor
interface
122
MISO
Ot
This is the microprocessor interface’s data output pin.
Connect a pull-up resistor.
32
SDIMCK
Is
This is the master clock input pin for the audio interface’s input side.
The master clock is input from DIR, ADC, etc.
The highest clock frequency that can be input is 25 MHz.
(The clock rate is 512 fs when the input sampling frequency is 48 kHz
or less, 256 fs when the frequency is 96 kHz, and 128 fs when the
frequency is up to 192 kHz.)
Audio interface
31
SDIBCK
Is
This is the bit clock I/O pin for the audio interface’s input side.


Numéro de pièce similaire - YSS944

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Description similaire - YSS944

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
   Multi-channel digital audio processor with DDX TM
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com