Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25010VI-GT3 Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT25010VI-GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010VI-GT3 Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT25010VI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
FEATURES
10 MHz SPI compatible
1.8V to 5.5V supply voltage range
SPI modes (0,0) & (1,1)
16-byte page write buffer
Self-timed write cycle
Hardware and software protection
Block write protection
– Protect 1/4, 1/2 or entire EEPROM array
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial and Extended temperature range
RoHS-compliant 8-lead PDIP, SOIC, TSSOP and
8-pad TDFN packages
PIN CONFIGURATION
PDIP (L)
SOIC (V)
TSSOP (Y)
TDFN (VP2)
CS
¯¯
1
8 VCC
SO
2
7 HOLD
¯¯¯¯¯
WP
¯¯¯
3
6 SCK
VSS 4
5 SI
PIN FUNCTION
Pin Name
Function
CS
¯¯
Chip Select
SO
Serial Data Output
WP
¯¯¯
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock
HOLD
¯¯¯¯¯
Hold Transmission Input
VCC
Power Supply
DESCRIPTION
The CAT25010/20/40 are 1-Kb/2-Kb/4-Kb Serial
CMOS EEPROM devices internally organized as
128x8/256x8/512x8 bits. They feature a 16-byte page
write buffer and support the Serial Peripheral Interface
(SPI) protocol. The device is enabled through a Chip
Select (CS
¯¯ ) input. In addition, the required bus signals
are a clock input (SCK), data input (SI) and data
output (SO) lines. The HOLD
¯¯¯¯¯ input may be used to
pause
any
serial
communication
with
the
CAT25010/20/40 device. These devices feature
software and hardware write protection, including
partial as well as full array protection.
FUNCTIONAL SYMBOL
For Ordering Information details, see page 16.
CS
WP
HOLD
SI
SO
CAT25010
CAT25020
CAT25040
VCC
VSS
SCK


Numéro de pièce similaire - CAT25010VI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25010VI-GT3 CATALYST-CAT25010VI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
More results

Description similaire - CAT25010VI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com