Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CAT5419 Fiches technique(PDF) 4 Page - Catalyst Semiconductor

No de pièce CAT5419
Description  Dual Digitally Programmable Potentiometers (DPP™) with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5419 Fiches technique(HTML) 4 Page - Catalyst Semiconductor

  CAT5419_07 Datasheet HTML 1Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 2Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 3Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT5419_07 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT5419
Doc. No. MD-2115 Rev. H
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Power Supply Current
fSCL = 400kHz
1
mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SDA Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V) IOL = 3 mA
0.4
V
PIN CAPACITANCE
(1)
Applicable over recommended operating range from TA = 25˚C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Symbol
Test Conditions
Min
Typ
Max
Units
Conditions
CI/O
Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, A3, SCL, WP
¯¯¯)
6
pF
VIN = 0V
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
fSCL
Clock Frequency
400
kHz
TI
(1)
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
SLC Low to SDA Data Out and ACK Out
0.9
µs
tBUF
(1)
Time the bus must be free before a new transmission can start
1.2
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock Low Period
1.2
µs
tHIGH
Clock High Period
0.6
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
0.6
µs
tHD:DAT
Data in Hold Time
0
ns
tSU:DAT
Data in Setup Time
100
ns
tR
(1)
SDA and SCL Rise Time
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
50
ns
POWER UP TIMING
(1)
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT5269_07 Dual Digitally Programmable Potentiometers DPP™ with 256 Taps and 2-wire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5411_07 Dual Digitally Programmable Potentiometers DPP TM with 64 Taps and SPI Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5401_07 Quad Digitally Programmable Potentiometers DPP™ with 64 Taps and SPI Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT523_07 Dual Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT524_07 Quad Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5123 32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5133 16 Volt Digitally Programmable Potentiometer DPP TM with 128 Taps and an Increment Decrement Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5120_07 16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5110_07 32-Tap MiniPot™ Digitally Programmable Potentiometers with 2-Wire Interface 1  2  3  4  5  More Catalyst Semiconductor
WMS7140 NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN 3-WIRE INTERFACE 10KOHM 50KOHM 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER 1  2  3  4  5  More Winbond

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn