Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CAT524 Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT524
Description  Quad Digitally Programmable Potentiometer (DPP™) with 256 Taps and Microwire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT524 Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT524_07 Datasheet HTML 1Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 2Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 3Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT524_07 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT524
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-2006 Rev. G
Characteristics subject to change without notice
Quad Digitally Programmable Potentiometer (DPP™) with
256 Taps and Microwire Interface
FEATURES
Four 8-bit DPPs configured as programmable
voltage sources in DAC-like applications
Common reference inputs
Buffered wiper outputs
Non-volatile NVRAM memory wiper storage
Output voltage range includes both supply rails
4 independently addressable buffered
output wipers
1 LSB accuracy, high resolution
Serial Microwire-like interface
Single supply operation: 2.7V - 5.5V
Setting read-back without effecting outputs
For Ordering Information details, see page 17.
APPLICATIONS
Automated product calibration.
Remote control adjustment of equipment
Offset, gain and zero adjustments in self-
calibrating and adaptive control systems.
Tamper-proof calibrations.
DAC (with memory) substitute
PIN CONFIGURATION
PDIP 14-Lead (L)
SOIC 14-Lead (W)
VDD 1
14 VREFH
CLK 2
13 VOUT1
RDY/BSY
¯¯¯¯ 3
12 VOUT2
CS 4
11 VOUT3
DI 5
10 VOUT4
DO 6
8
VREFL
PROG 7
8
GND
CAT524
DESCRIPTION
The CAT524 is a quad, 8-bit digitally-programmable
potentiometer (DPP™) configured for programmable
voltage and DAC-like applications. Intended for final
calibration of products such as camcorders, fax
machines and cellular telephones on automated high
volume production lines, it is also well suited for self-
calibrating
systems
and
for
applications
where
equipment which requires periodic adjustment is either
difficult to access or in a hazardous environment.
The four independently programmable DPPs have an
output range which includes both supply rails. The
wipers are buffered by rail to rail op amps. Wiper
settings, stored in non-volatile NVRAM memory, are
not lost when the device is powered down and are
automatically reinstated when power is returned.
Each wiper can be dithered to test new output values
without effecting the stored settings, and stored
settings can be read back without disturbing the
DPP’s output.
The CAT524 is controlled with a simple 3-wire serial,
Microwire-like interface.
A Chip Select pin allows
several devices to share a common serial interface.
Communication back to the host controller is via a
single serial data line thanks to the Tri-Stated CAT524
Data Output pin.
A RDY/BSY
¯¯¯¯ output working in
concert with an internal low voltage detector signals
proper operation of the non-volatile NVRAM memory
Erase/Write cycle.
The CAT524 is available in the 0ºC to 70ºC
commercial and -40ºC to 85ºC industrial operating
temperature ranges. Both 14-pin plastic DIP and
SOIC packages are offered.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn