Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS21312 Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce PS21312
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21312 Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21312 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21312
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 1999
PS21312
INTEGRATED POWER FUNCTIONS
3rd generation IGBT inverter bridge for 3 phase DC-to-AC
power conversion.
APPLICATION
AC200V three-phase inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21312
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS : Drive circuit, High voltage isolated high-speed level shifting, Control circuit under-voltage (UV) protection.
Note : Bootstrap supply scheme can be applied.
• For lower-leg IGBTS : Drive circuit, Control circuit under-voltage protection (UV), Short-circuit protection (SC).
• Fault signaling : Corresponding to a SC fault (Low-side IGBT) or a UV fault (Low-side IGBT).
• Input interface : 5V line CMOS/TTL compatible, Schmitt Trigger receiver circuit.
* Note: The values used in the above figure are tentative.
(3.556)
(0.5)
(1.656)
(3.556)
(6.25)
(1.778)
(1.778
× 26)
(6.25) (6.25)
16
17
18
13
14
15
10
987
654
321
11
12
19
20
21
22
23
24
35
34
33
32
31
26 25
27
28
29
30
(8)
(8)
(5)
(1.25)
(2.5)
(35
°)
A
(1)
PCB
TERMINAL
TERMINAL CODE
1
VUFS
2
(UPG)
3
VUFB
4
VP1
5
(COM)
6
UP
7
VVFS
8
(VPG)
9
VVFB
10
VP1
11
(COM)
12
VP
13
VWFS
14
(WPG)
15
VWFB
16
VP1
17
(COM)
18
WP
19
(UNG)
20
VNO(NC)
21
UN
22
VN
23
WN
24
FO
25
CFO
26
CIN
27
VNC
28
VN1
29
(WNG)
30
(VNG)
31
P
32
U
33
V
34
W
35
N
PATTERN
SLIT
(PCB LAYOUT)
(1)
(1.9)
(0.5)
(1.8MIN)
(0.5)
(1)
HEAT SINK SIDE
Type name , Lot No.
DUMMY PIN
(φ2
DEPTH
2)
(φ3.3)
HEAT SINK SIDE
Detail A
*Note2
(7.62
× 4)
(7.62)
(41)
(42)
(49)
(4MIN)
*Note1:(***) = Dummy Pin.
*Note 2: In order to increase the surface distance between terminals, cut a slit, etc. on the PCB surface
when mounting a module.


Numéro de pièce similaire - PS21312

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results

Description similaire - PS21312

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com