Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD12250A-SG Datasheet(Fiches technique) 2 Page - Elite Semiconductor Memory Technology Inc.

Numéro de pièce AD12250A-SG
Description  24 bit, 96 kHz Stereo A/D Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ESMT [Elite Semiconductor Memory Technology Inc.]
Site Internet  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD12250A-SG Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD12250A-SG Datenblatt HTML 1Page - Elite Semiconductor Memory Technology Inc. AD12250A-SG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD12250A-SG Datenblatt HTML 3Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESMT
AD12250A
Elite Semiconductor Memory Technology Inc.
Publication Date
Apr. 2007
Revision
1.1
2/13
Pin Assignment
M/S
MCLK
MSEL
SRSEL
SDATA
DGND
DVDD
BCLK
LRCLK
VREF
AGND
AVDD
AINR
VCM
AINL
PD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD12250A
(Top View)
Pin Description
Pin Name
Type
Description
Characteristics
1
SRSEL
I
48kHz/96kHz sample rate selection
Schmitt trigger input buffer
2
MCLK
I
Master clock input
Schmitt trigger input buffer
3
MSEL
I
MCLK divided-by-2 selection
in master mode
Schmitt trigger input buffer
4
SDATA
O
Serial audio data output
5
DGND
P
Digital ground
6
DVDD
P
Digital supply
7
BCLK
I/O
Bit clock input/output (64Fs)
Schmitt trigger input buffer
8
LRCLK
I/O
Left/Right clock input/output (Fs)
Schmitt trigger input buffer
9
PD
I
Power down, low active
Schmitt trigger input buffer
10
AINL
I
Left channel analog input
11
VCM
O
Common-mode voltage
12
AINR
I
Right channel analog input
13
AVDD
P
Analog supply
14
AGND
P
Analog ground
15
VREF
O
Positive reference voltage
16
S
/
M
I
Master/Slave mode selection
Schmitt trigger input buffer
Package Options
Package Type
Part Number
Thermal Information
16L TSSOP 4.4mm
AD12250A-SG
θJA ≅ 60 °C/W (Condition: still air)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn