Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC03LE-1.8TE13 Fiches technique(PDF) 2 Page - Catalyst Semiconductor

No de pièce CAT24WC03LE-1.8TE13
Description  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC03LE-1.8TE13 Fiches technique(HTML) 2 Page - Catalyst Semiconductor

  CAT24WC03LE-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC03LE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Discontinued
Parts
CAT24WC03/05
2
Doc. No. 1005, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C) .................................. 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified.
Limits
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ICC
Power Supply Current
3
mA
fSCL = 100 kHz
IS(5)
Standby Current (VCC = 5.0V)
0
µAVIN = GND or VCC
ILI
Input Leakage Current
10
µAVIN = GND to VCC
ILO
Output Leakage Current
10
µAVOUT = GND to VCC
VIL
Input Low Voltage
–1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (VCC = 3.0V)
0.4
V
IOL = 3 mA
VOL2
Output Low Voltage (VCC = 1.8V)
0.5
V
IOL = 1.5 mA
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Standby Current (ISB) = 0µA (<900nA).
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max
Units
Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (A0, A1, A2, SCL, WP)
6
pF
VIN = 0V
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
NEND(3)
Endurance
1,000,000
Cycles/Byte
TDR(3)
Data Retention
100
Years
VZAP(3)
ESD Susceptibility
2000
Volts
ILTH(3)(4)
Latch-up
100
mA


Numéro de pièce similaire - CAT24WC03LE-1.8TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J CATALYST-CAT24WC03J Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J-1.8 CATALYST-CAT24WC03J-1.8 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J-1.8TE13 CATALYST-CAT24WC03J-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J-TE13 CATALYST-CAT24WC03J-TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Description similaire - CAT24WC03LE-1.8TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com