Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC03UE-1.8TE13 Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT24WC03UE-1.8TE13
Description  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC03UE-1.8TE13 Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC03UE-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Discontinued
Parts
1
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1005, Rev. F
CAT24WC03/05
2K/4K-Bit Serial EEPROM with Partial Array Write Protection
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
DIP Package (P, L, GL)
TSSOP Package (U, Y, GY)
FEATURES
s 400 kHz I2C bus compatible*
s 1.8 to 5.5 volt operation
s Low power CMOS technology
s Write protect feature
–Top 1/2 array protected when WP at V
IH
s 16-Byte page write buffer
s Self-timed write cycle with auto-clear
s 1,000,000 Program/Erase cycles
s 100 Year data retention
s 8-pin DIP, 8-pin SOIC, 8-lead MSOP and 8-pin
TSSOP Package
s Commercial, industrial and automotive
temperature ranges
s "Green" package options available
DESCRIPTION
The CAT24WC03/05 is a 2K/4K-bit Serial CMOS
EEPROM internally organized as 256/512 words of 8
bits each. Catalyst’s advanced CMOS technology sub-
stantially reduces device power requirements. The
CAT24WC03/05 features a 16-byte page write buffer.
The device operates via the I2C bus serial interface, has
a special write protection feature, and is available in 8-
pin DIP or 8-pin SOIC packages.
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
1
2
3
4
VSS
SOIC Package (J, W, GW)
A2
A0
A1
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A1
A2
VSS
A2
A0
A1
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
MSOP Package (R, Z, GZ)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
A0
A1
A2
SDA


Numéro de pièce similaire - CAT24WC03UE-1.8TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC03U CATALYST-CAT24WC03U Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03U-1.8 CATALYST-CAT24WC03U-1.8 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03U-1.8TE13 CATALYST-CAT24WC03U-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03U-TE13 CATALYST-CAT24WC03U-TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03UA CATALYST-CAT24WC03UA Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Description similaire - CAT24WC03UE-1.8TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com