Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C128LET3 Fiches technique(PDF) 8 Page - Catalyst Semiconductor

No de pièce CAT24C128LET3
Description  128-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C128LET3 Fiches technique(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C128LET3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C128LET3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT24C128
8
Doc. No. MD-1103, Rev. J
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set to
‘1’, the CAT24C128 will interpret this as a request for
data residing at the current byte address in memory.
The CAT24C128 will acknowledge the Slave address,
will immediately shift out the data residing at the current
address, and will then wait for the Master to respond.
If the Master does not acknowledge the data (NoACK)
and then follows up with a STOP condition (Figure 9),
the CAT24C128 returns to Standby mode.
Selective Read
To read data residing at a specific location, the internal
address counter must first be initialized as described
under Byte Write. If rather than following up the two
address bytes with data, the Master instead follows up
with an Immediate Read sequence, then the CAT24C128
will use the 14 active addres bits to initialize the inter-
nal address counter and will shift out data residing at
the corresponding location. If the Master does not ac-
knowledge the data (NoACK) and then follows up with
a STOP condition (Figure 10), the CAT24C128 returns
to Standby mode.
Sequential Read
If during a Read session the Master acknowledges the
1st data byte, then the CAT24C128 will continue trans-
mitting data residing at subsequent locations until the
Master responds with a NoACK, followed by a STOP
(Figure 11). In contrast to Page Write, during Sequential
Read the address count will automatically increment to
and then wrap-around at end of memory (rather than
end of page).


Numéro de pièce similaire - CAT24C128LET3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C128LE-G ONSEMI-CAT24C128LE-G Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT24C128LE-GT3 ONSEMI-CAT24C128LE-GT3 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAT24C128LE-T3 ONSEMI-CAT24C128LE-T3 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
More results

Description similaire - CAT24C128LET3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com