Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C128YIT3 Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT24C128YIT3
Description  128-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C128YIT3 Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT24C128YIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C128YIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. MD-1103, Rev. J
CAT24C128
128-Kb I2C CMOS Serial EEPROM
PIN CONFIGURATION
FUNCTIONAL SYMBOL
FEATURES
Supports Standard and Fast I2C Protocol
1.8V to 5.5V Supply Voltage Range
64-Byte Page Write Buffer
Hardware Write Protection for entire memory
Schmitt Triggers and Noise Suppression Filters
on I2C Bus Inputs (SCL and SDA).
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial and Extended temperature range
RoHS-compliant 8-lead PDIP, SOIC, TSSOP and
UDFN packages
PDIP (L)
SOIC (W)
TSSOP (Y)
UDFN (HU3)
VCC
VSS
SDA
SCL
WP
CAT24C128
A2, A1, A0
DEVICE DESCRIPTION
The CAT24C128 is a 128-Kb Serial CMOS EEPROM,
internally organized as 16,384 words of 8 bits each.
It features a 64-byte page write buffer and supports
both the Standard (100 kHz) as well as Fast (400 kHz)
I2C protocol.
Write operations can be inhibited by taking the WP pin
High (this protects the entire memory).
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
For the location of Pin 1, please consult the
corresponding package drawing.
PIN FUNCTIONS
A0, A1, A2
Device Address Inputs
SDA
Serial Data Input/Output
SCL
Serial Clock Input
WP
Write Protect Input
VCC
Power Supply
VSS
Ground
* Catalyst carries the I2C protocol under a license from the Philips Corporation.
For additional packages and Ordering
Information details, see page 15.


Numéro de pièce similaire - CAT24C128YIT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128YIT3 CATALYST-CAT24C128YIT3 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
More results

Description similaire - CAT24C128YIT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com