Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KKA84C640ANS Fiches technique(PDF) 2 Page - KODENSHI_AUK CORP.

No de pièce KKA84C640ANS
Description  8-BIT MICROCONTROLLERS WITH OCD AND VST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKA84C640ANS Fiches technique(HTML) 2 Page - KODENSHI_AUK CORP.

  KKA84C640ANS Datasheet HTML 1Page - KODENSHI_AUK CORP. KKA84C640ANS Datasheet HTML 2Page - KODENSHI_AUK CORP. KKA84C640ANS Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KKA84C640ANS-xxx
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
DP0.0/Tdac
Derivative Port 0: quasi-bidirectional I/O line or 14-bit DAC PWM
2
DP0.1/PWM1
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
3
DP0.2/PWM2
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
4
DP0.3/PWM3
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
5
DP0.4/PWM4
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
6
DP0.5/PWM5
Derivative Port 1: quasi-bidirectional I/O line or 6-bit DAC PWM
7
P1.0/VHF1
Port 1: quasi-bidirectional I/O lines
8
P1.1/VHF3
Port 1: quasi-bidirectional I/O lines
9
P1.7/AFC
Derivative Port 1: quasi-bidirectional I/O line or comporator input with 3-bit DAC
10
P1.2/VHF
Port 1: quasi-bidirectional I/O lines
11
P1.3/VTR
Port 1: quasi-bidirectional I/O lines
12
P1.4/AV
Port 1: quasi-bidirectional I/O lines
13
P0.0
Port 0: quasi-bidirectional I/O port
14
P0.1
Port 0: quasi-bidirectional I/O port
15
P0.2
Port 0: quasi-bidirectional I/O port
16
P0.3
Port 0: quasi-bidirectional I/O port
17
P0.4
Port 0: quasi-bidirectional I/O port
18
P0.5
Port 0: quasi-bidirectional I/O port
19
P0.6
Port 0: quasi-bidirectional I/O port
20
P0.7/Mdstr
Port 0: quasi-bidirectional I/O port
21
VSS
Ground
22
DP1.6/VOW1
Derivative Port 1: quasi-bidirectional I/O lines or character video output
23
DP1.5/VOW2
Derivative Port 1: quasi-bidirectional I/O lines or character video output
24
VOW3
Character video output of OSD
25
Fbl
Blanking output
26
HSYNC
Horizontal synchronous signal input
27
VSYNC
Vertical synchronous signal input
28
DOSC
Connection to RC oscillator of OSD clock
29
IDENT
Direct testable pin and event counter input
30
Test
Control input for testing and emulation mode. Ground for normal operation
31
Xlat 1
Oscillator output or input terminal for system clock
32
Xlat 2
Oscillator output or input terminal for system clock
33
Reset N\
Initialise input, active LOW
34
DP1.4/Sudl
Derivative Port 1: quasi-bidirectional I/O lines
35
Int/Rmot
External interrupt or direct testable
36
DP1.3/Sndo
Derivative Port 1: quasi-bidirectional I/O lines
37
DP1.2/Effect
Derivative Port 1: quasi-bidirectional I/O lines
38
DP1.1/P/S
Derivative Port 1: quasi-bidirectional I/O lines
39
DP0.7/SCL
Derivative open drain I/O port or I
2C-bus clock line
40
DP0.6/SDA
Derivative open drain I/O port or I
2C-bus data line
41
DP1.0/Stdby
Derivative Port 1: quasi-bidirectional I/O lines
42
VDD
Power supply
2


Numéro de pièce similaire - KKA84C640ANS

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
   Z8-BIT MICROCONTROLLERS WITH OCD AND VST
More results

Description similaire - KKA84C640ANS

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
INA84C641 INTEGRAL-INA84C641 Datasheet
89Kb / 2P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
INA84C640 INTEGRAL-INA84C640 Datasheet
24Kb / 2P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
KODENSHI_AUK CORP.
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
   Z8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
NXP Semiconductors
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
84C44X PHILIPS-84C44X Datasheet
267Kb / 38P
   8-bit microcontrollers with OSD and VST
October 1994
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
NXP Semiconductors
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
   Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com