Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25L256 Fiches technique(PDF) 5 Page - Ramtron International Corporation

No de pièce FM25L256
Description  256Kb FRAM Serial 3V Memory - Extended Temp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L256 Fiches technique(HTML) 5 Page - Ramtron International Corporation

  FM25L256 Datasheet HTML 1Page - Ramtron International Corporation FM25L256 Datasheet HTML 2Page - Ramtron International Corporation FM25L256 Datasheet HTML 3Page - Ramtron International Corporation FM25L256 Datasheet HTML 4Page - Ramtron International Corporation FM25L256 Datasheet HTML 5Page - Ramtron International Corporation FM25L256 Datasheet HTML 6Page - Ramtron International Corporation FM25L256 Datasheet HTML 7Page - Ramtron International Corporation FM25L256 Datasheet HTML 8Page - Ramtron International Corporation FM25L256 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
N
O
T
RE
C
O
M
ME
N
D
ED
FO
R
N
EW
DE
SI
G
N
S
Al
te
rn
at
iv
e:
FM
25
L2
56
B
N
O
T
RE
C
O
M
ME
N
D
ED
FO
R
N
EW
DE
SI
G
N
S
Al
te
rn
at
iv
e:
FM
25
L2
56
B
FM25L256 Extended Temp.
Rev. 2.3
March 2007
Page 5 of 14
Power Up to First Access
The FM25L256 is not accessible for a period of time
(10 ms) after power up. Users must comply with the
timing parameter tPU, which is the minimum time
from VDD (min) to the first /CS low.
Data Transfer
All data transfers to and from the FM25L256 occur in
8-bit groups. They are synchronized to the clock
signal (SCK), and they transfer most significant bit
(MSB) first. Serial inputs are registered on the rising
edge of SCK. Outputs are driven from the falling
edge of SCK.
Command Structure
There are six commands called op-codes that can be
issued by the bus master to the FM25L256. They are
listed in the table below. These op-codes control the
functions performed by the memory. They can be
divided
into
three
categories.
First,
there
are
commands that have no subsequent operations. They
perform a single function such as to enable a write
operation. Second are commands followed by one
byte, either in or out. They operate on the status
register. The third group includes commands for
memory transactions followed by address and one or
more bytes of data.
Table 1. Op-Code Commands
Name
Description
Op-Code
WREN
Set Write Enable Latch
0000 0110b
WRDI
Write Disable
0000 0100b
RDSR
Read Status Register
0000 0101b
WRSR
Write Status Register
0000 0001b
READ
Read Memory Data
0000 0011b
WRITE
Write Memory Data
0000 0010b
WREN - Set Write Enable Latch
The FM25L256 will power up with writes disabled.
The WREN command must be issued prior to any
write operation. Sending the WREN op-code will
allow the user to issue subsequent op-codes for
write operations. These include writing the status
register and writing the memory.
Sending the WREN op-code causes the internal
Write Enable Latch to be set. A flag bit in the status
register, called WEL, indicates the state of the latch.
WEL=1
indicates
that
writes
are
permitted.
Attempting to write the WEL bit in the status
register has no effect on the state of this bit.
Completing any write operation will automatically
clear the write-enable latch and prevent further
writes without another WREN command. Figure 5
below
illustrates
the
WREN
command
bus
configuration.
WRDI - Write Disable
The WRDI command disables all write activity by
clearing the Write Enable Latch. The user can verify
that writes are disabled by reading the WEL bit in
the status register and verifying that WEL=0. Figure
6 illustrates the WRDI command bus configuration.
Hi-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
1
0
CS
SCK
SI
SO
Figure 5. WREN Bus Configuration


Numéro de pièce similaire - FM25L256

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256-DG ETC-FM25L256-DG Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256-G ETC-FM25L256-G Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256-S ETC-FM25L256-S Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
More results

Description similaire - FM25L256

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com