Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM1110 Fiches technique(PDF) 7 Page - Ramtron International Corporation

No de pièce FM1110
Description  Nonvolatile 5V Quad State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1110 Fiches technique(HTML) 7 Page - Ramtron International Corporation

  FM1110 Datasheet HTML 1Page - Ramtron International Corporation FM1110 Datasheet HTML 2Page - Ramtron International Corporation FM1110 Datasheet HTML 3Page - Ramtron International Corporation FM1110 Datasheet HTML 4Page - Ramtron International Corporation FM1110 Datasheet HTML 5Page - Ramtron International Corporation FM1110 Datasheet HTML 6Page - Ramtron International Corporation FM1110 Datasheet HTML 7Page - Ramtron International Corporation FM1110 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FM1110 NV Quad State Saver
Rev. 1.0
Aug. 2007
Page 7 of 8
Mechanical Drawing
16-pin QFN (4.0mm x 4.0mm body, 0.65mm pitch)
Pin 1
4.0 ±0.1
0.75 ±0.05
0.65 typ
0.20 REF.
0.0 - 0.05
0.55 ±0.10
Pin 1 ID
Exposed metal pad.
Do not connect to
anything except Vss.
0.65 typ
1
2
3
4
2.20
2.00
0.30 ±0.05
1.95 REF
Note: All dimensions in millimeters.
QFN Package Marking Scheme
Legend:
XXXX=base part number, PP=package designator (Q=QFN, G=”green”)
LLLLLL= lot code
YY=year, WW=work week
Example: FM1110, “Green” QFN package, Lot 0001, Year 2007, Work Week 32
1110QG
0001
0732
XXXXPP
LLLLLL
YYWW


Numéro de pièce similaire - FM1110

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1112-QG RAMTRON-FM1112-QG Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
More results

Description similaire - FM1110

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com