Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRG4BC10UDPBF Fiches technique(PDF) 9 Page - International Rectifier

No de pièce IRG4BC10UDPBF
Description  INSULATED GATE BIPOLAR TRANSISROT WITH ULTRAFAST SOFR RECOVERY DIODE UltraFast CoPack IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC10UDPBF Fiches technique(HTML) 9 Page - International Rectifier

Back Button IRG4BC10UDPBF Datasheet HTML 3Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 4Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 5Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 6Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 7Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 8Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 9Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 10Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRG4BC10UDPbF
www.irf.com
9
Vg GATE SIGNAL
DEVICE UNDER TEST
CURRENT D.U.T.
VOLTAGE IN D.U.T.
CURRENT IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
1000V
6000µF
100V
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current
Test Circuit
RL=
480V
4 X IC @25°C
0 - 480V
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit


Numéro de pièce similaire - IRG4BC10UDPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRG4BC10UDPBF IRF-IRG4BC10UDPBF Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
More results

Description similaire - IRG4BC10UDPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
279Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF_15 Datasheet
376Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRG4BC20FD-SPBF IRF-IRG4BC20FD-SPBF Datasheet
298Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Fast CoPack IGBT
IRGBC30KD2 IRF-IRGBC30KD2 Datasheet
145Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
IRG4PC30FDPBF IRF-IRG4PC30FDPBF Datasheet
384Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Fast CoPack 1GBT
IRG4BC20FDPBF IRF-IRG4BC20FDPBF Datasheet
318Kb / 11P
   INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF Datasheet
659Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast Co-Pack IGBT
IRG4BC20KD-SPBF IRF-IRG4BC20KD-SPBF Datasheet
364Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULRTAFAST SOFR RECOVERY DIODE
IRG4BC20UDPBF IRF-IRG4BC20UDPBF Datasheet
351Kb / 11P
   UltraFast CoPack IGBT
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com