Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC367DRE4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC367DRE4
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HC367DRE4 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74HC367DRE4 Datasheet HTML 1Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 2Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 3Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54HC367, SN74HC367
HEX BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS309D − JANUARY 1996 − REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54HC367
SN74HC367
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC367
SN74HC367
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −7.8 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
VO = VCC or 0
6 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF


Numéro de pièce similaire - SN74HC367DRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC367DRE4 TI-SN74HC367DRE4 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DRE4 TI-SN74HC367DRE4 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DRE4 TI1-SN74HC367DRE4 Datasheet
806Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS
More results

Description similaire - SN74HC367DRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com