Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL3715ZCLPBF Fiches technique(PDF) 11 Page - International Rectifier

No de pièce IRL3715ZCLPBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL3715ZCLPBF Fiches technique(HTML) 11 Page - International Rectifier

Back Button IRL3715ZCLPBF Datasheet HTML 4Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 5Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 6Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 7Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 8Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 9Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 10Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 11Page - International Rectifier IRL3715ZCLPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRL3715ZCS/LPbF
www.irf.com
11
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 04/04
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.61mH, RG = 25Ω,
IAS = 12A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ This is applied to D2Pak, when mounted on 1" square PCB
(FR-
4 or G-10 Material). For recommended footprint
and soldering
techniques refer to application note #AN-994.
… Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TR R
FE E D D IRE CTIO N
1.85 (.0 7 3 )
1.65 (.0 6 5 )
1.60 (.0 6 3 )
1.50 (.0 5 9 )
4.10 (.1 6 1 )
3.90 (.1 5 3 )
TR L
FE E D DIRE CTIO N
10.90 (.42 9)
10.70 (.42 1)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.6 0 (.4 57)
11.4 0 (.4 49)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24 .30 (.957)
23 .90 (.941)
0.368 (.014 5)
0.342 (.013 5)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
33 0.00
(14.1 73)
MA X .
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
M IN .
30.40 (1.197)
M A X .
26.40 (1.03 9)
24.40 (.961 )
NO T E S :
1. CO M F O R M S TO E IA-418.
2. CO NT RO LLIN G DIM ENS IO N: M ILLIM ET E R.
3. DIM E NSIO N M EASUR E D @ HU B.
4. INCLUDE S F LA N GE DIST O RT IO N @ O U T E R E D G E.


Numéro de pièce similaire - IRL3715ZCLPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL3715ZCL IRF-IRL3715ZCL Datasheet
282Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Description similaire - IRL3715ZCLPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com