Moteur de recherche de fiches techniques de composants électroniques |
|
CD54HC154 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
CD54HC154 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 16 page MECHANICAL DATA MCDI004A – JANUARY 1995 – REVISED NOVEMBER 1997 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 J (R-GDIP-T**) CERAMIC DUAL-IN-LINE PACKAGE 24 PINS SHOWN A C 0.018 (0,46) MIN Seating Plane 0.010 (0.25) MAX Lens Protrusion (Lens Optional) WIDE NARR WIDE 32 NARR WIDE 0.125 (3,18) MIN 0.514(13,06) 0.571(14,50) 0.541(13,74) 0.598(15,19) 1.668(42,37) 1.668(42,37) 1.632(41,45) 1.632(41,45) 0.590(14,99) 0.590(14,99) 0.624(15,85) 0.624(15,85) 4040084/C 10/97 0.012 (0,30) 0.008 (0,20) 40 0.624(15,85) 0.624(15,85) 0.590(14,99) 0.590(14,99) 2.032(51,61) 2.032(51,61) 2.068(52,53) 2.068(52,53) 0.541(13,74) 0.598(15,19) 0.514(13,06) 0.571(14,50) B 13 12 0.090 (2,29) 0.060 (1,53) 0.045 (1,14) 0.065 (1,65) 24 1 28 0.022 (0,56) 0.014 (0,36) NARR 24 NARR WIDE 0.624(15,85) 0.624(15,85) 0.590(14,99) 0.590(14,99) 1.235(31,37) 1.235(31,37) 1.265(32,13) 1.265(32,13) 0.541(13,74) 0.598(15,19) 0.514(13,06) 0.571(14,50) ”A” DIM ”B” ”C” PINS ** MAX MIN MIN MAX MAX MIN 0.514(13,06) 0.571(14,50) 0.541(13,74) 0.598(15,19) 1.465(37,21) 1.465(37,21) 1.435(36,45) 1.435(36,45) 0.590(14,99) 0.590(14,99) 0.624(15,85) 0.624(15,85) 0.175 (4,45) 0.140 (3,56) 0.100 (2,54) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Window (lens) added to this group of packages (24-, 28-, 32-, 40-pin). D. This package can be hermetically sealed with a ceramic lid using glass frit. E. Index point is provided on cap for terminal identification. |
Numéro de pièce similaire - CD54HC154 |
|
Description similaire - CD54HC154 |