Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KK74ACT20 Fiches technique(PDF) 3 Page - KODENSHI_AUK CORP.

No de pièce KK74ACT20
Description  Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT20 Fiches technique(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74ACT20 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT20 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT20 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT20 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT20 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KK74ACT20
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
IOUT ≤ -50 µA
4.5
5.5
4.4
5.4
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-24 mA
IOH=-24 mA
4.5
5.5
3.86
4.86
3.76
4.76
VOL
Maximum Low-
Level Output Voltage
IOUT ≤ 50 µA
4.5
5.5
0.1
0.1
0.1
0.1
V
*V
IN=VIH
IOL=24 mA
IOL=24 mA
4.5
5.5
0.36
0.36
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
∆I
CCT
Additional Max
ICC/Input
VIN=VCC - 2.1 V
5.5
1.5
mA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
4.0
40
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
3


Numéro de pièce similaire - KK74ACT20

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK74ACT21 KODENSHI-KK74ACT21 Datasheet
214Kb / 5P
   Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
KK74ACT21D KODENSHI-KK74ACT21D Datasheet
214Kb / 5P
   Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
KK74ACT21N KODENSHI-KK74ACT21N Datasheet
214Kb / 5P
   Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
KK74ACT240 KODENSHI-KK74ACT240 Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT240DW KODENSHI-KK74ACT240DW Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

Description similaire - KK74ACT20

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
   DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC20 KODENSHI-KK74AC20 Datasheet
223Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HCT20 INTEGRAL-IN74HCT20 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS
IN74HC20A INTEGRAL-IN74HC20A Datasheet
178Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT20 SLS-SL74HCT20 Datasheet
33Kb / 4P
   Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC20A KODENSHI-KK74HC20A Datasheet
193Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4012B KODENSHI-KK4012B Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK74HCT20A KODENSHI-KK74HCT20A Datasheet
196Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC20A IKSEMICON-IN74HC20A Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Texas Instruments
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com