Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KK74ACT02 Fiches technique(PDF) 2 Page - KODENSHI_AUK CORP.

No de pièce KK74ACT02
Description  Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT02 Fiches technique(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74ACT02 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT02 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT02 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT02 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT02 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74ACT02
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =4.5 V
VCC =5.5 V
0
0
10
8.0
ns/V
* V
IN
from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Numéro de pièce similaire - KK74ACT02

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00D KODENSHI-KK74ACT00D Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00N KODENSHI-KK74ACT00N Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04D KODENSHI-KK74ACT04D Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results

Description similaire - KK74ACT02

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC02 INTEGRAL-IN74AC02 Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74HCT02AD INTEGRAL-IN74HCT02AD Datasheet
73Kb / 4P
   Quad 2-Input NOR Gate (High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC02A MOTOROLA-MC54HC02A Datasheet
98Kb / 7P
   QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74HCT02A KODENSHI-KK74HCT02A Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT02 SLS-SL74HCT02 Datasheet
33Kb / 4P
   Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com