Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1084-15TU3U Fiches technique(PDF) 5 Page - Global Mixed-mode Technology Inc

No de pièce G1084-15TU3U
Description  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-15TU3U Fiches technique(HTML) 5 Page - Global Mixed-mode Technology Inc

  G1084-15TU3U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-15TU3U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G1084-XX
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
1.800
1.805
1.810
1.815
1.820
1.825
5
1525
35
4555657585
Temperature (
°C)
V
IN=4V
V
IN=5V
I
L=10mA
1.764
1.774
1.784
1.794
1.804
1.814
1.824
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
I
L (A )
V
IN=5V
V
IN=4V
T
A=25°C
G1084-18 Output Voltage vs. Temperature
G1084-18 Output Voltage vs. IL
2.0
2.5
3.0
3.5
4.0
-25 -15 -5
5
1525 35455565 7585
Temperature (
°C)
0
200
400
600
800
1000
1200
1400
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
L (A)
T
A=-25°C
T
A=25°C
T
A=85°C
3.234
3.254
3.274
3.294
3.314
3.334
-25
-51535
55
75
Temperature (
°C)
V
IN=5V
V
IN=6V
I
L=200mA
3.234
3.254
3.274
3.294
3.314
3.334
01
23
45
I
L (A )
T
A=25°C
V
IN=6V
V
IN=5V
V
IN=6V
G1084-33 Quiescent Current vs. Temperature
G1084-33 Dropout Voltage vs. IL
G1084-33 Output Voltage vs. Temperature
G1084-33 Output Voltage vs. IL
V
IN=5V


Numéro de pièce similaire - G1084-15TU3U

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1084-15T43U GMT-G1084-15T43U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
G1084-15T53U GMT-G1084-15T53U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

Description similaire - G1084-15TU3U

FabricantNo de pièceFiches techniqueDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com