Moteur de recherche de fiches techniques de composants électroniques |
|
G1084T43U Fiches technique(PDF) 11 Page - Global Mixed-mode Technology Inc |
|
G1084T43U Fiches technique(HTML) 11 Page - Global Mixed-mode Technology Inc |
11 / 11 page Ver: 1.4 Jun 14, 2007 TEL: 886-3-5788833 http://www.gmt.com.tw 11 G1084 Global Mixed-mode Technology Inc. TO-263T (TU) Package DIMENSIONS IN MILLIMETER DIMENSIONS IN INCH SYMBOL MIN NOM MAX MIN NOM MAX A 1.750 2.000 2.250 0.069 0.079 0.089 B 0.880 1.280 1.680 0.345 0.050 0.066 b 1.255 1.295 1.335 0.049 0.051 0.053 c 0.381 0.406 0.431 0.015 0.016 0.017 c1 0.356 0.406 0.456 0.014 0.016 0.018 D 9.660 10.160 10.660 0.380 0.400 0.420 D1 6.900 REF 0.272 REF E 8.380 8.680 8.980 0.330 0.342 0.354 e ----- 2.540 ----- ----- 0.100 ----- e1 ----- 5.080 ----- ----- 0.200 ----- L 13.74 14.240 14.740 0.541 0.561 0.580 L1 ----- 4.280 ----- ----- 0.169 ----- L2 2.290 2.540 2.790 0.090 0.100 0.110 L3 ----- ----- 1.778 ----- ----- 0.070 V ----- 7.280 ----- ----- 0.287 ----- Taping Specification PACKAGE Q’TY/REEL Q’TY/TUBE TO-220 ----- 50 ea TO-252 2,500 ea ----- TO-263 800 ea ----- TO-263T 1,500 ea ----- GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications. Feed Direction TO-252 Package Orientation Feed Direction TO-263/TO-263T Package Orientation Feed Direction TO-252 Package Orientation Feed Direction TO-263/TO-263T Package Orientation D E B L3 e1 e b L L1 V A c1 L2 c D1 D E B L3 e1 e b L L1 V A c1 L2 c D1 |
Numéro de pièce similaire - G1084T43U |
|
Description similaire - G1084T43U |