Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-CW23-SVKXX Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CW23-SVKXX Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED |
10 / 11 page LAMINAR WAVE BOTTOM SIDE OF PC BOARD HOT AIR KNIFE TURBULENT WAVE FLUXING PREHEAT 010 20 30 50 100 150 200 250 30 40 50 TIME – SECONDS 60 70 80 90 100 TOP SIDE OF PC BOARD CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN) PREHEAT SETTING = 150 °C (100°C PCB) SOLDER WAVE TEMPERATURE = 245 °C ± 5°C AIR KNIFE AIR TEMPERATURE = 390 °C AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.) AIR KNIFE ANGLE = 40 LEAD SOLDER: SN63; FLUX: RMA LEAD FREE SOLDER: 96.5% Sn, 3.0% Ag, 0.5% Cu NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED BEFORE EXERTING MECHANICAL FORCE. Recommended Wave Soldering Profile Ammo Packs Drawing 18.00 ± 0.50 (0.7087 ± 0.0197) 6.35 ± 1.30 (0.25 ± 0.0512) 12.70 ± 1.00 (0.50 ± 0.0394) 9.125 ± 0.625 (0.3593 ± 0.0246) 12.70 ± 0.30 (0.50 ± 0.0118) CATHODE 0.70 ± 0.20 (0.0276 ± 0.0079) 20.50 ± 1.00 (0.807 ± 0.039) AA VIEW A–A ∅ 4.00 ± 0.20 (0.1575 ± 0.008) TYP. ALL DIMENSIONS IN MILLIMETERS (INCHES). 10 |
Numéro de pièce similaire - HLMP-CW23-SVKXX |
|
Description similaire - HLMP-CW23-SVKXX |