Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-CE24 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CE24 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 10 page 4 Part Numbering System HLMP - x x xx - x x x xx Mechanical Options 00: Bulk DD: Ammo Pack Color Bin Options 0: Full Color Bin Distribution A: Color Bin 1 and 2 B: Color Bin 2 and 3 C: Color Bin 3 and 4 D: Color Bin 4 and 5 Maximum Intensity Bin 0: No Maximum Intensity Bin Limitation Others: Refer to Device Selection Guide Minimum Intensity Bin Refer to Device Selection Guide Viewing Intensity Bin 11: 15 ° Without Standoff 12: 15 ° With Standoff 26: 23 ° Without Standoff 27: 23 ° With Standoff 36: 30 ° Without standoff 37: 30 ° With Standoff Color B: Blue 470 nm M: Green 525 nm E: Cyan 505 nm Package C: T-13/4 (5 mm) Round Lamp |
Numéro de pièce similaire - HLMP-CE24 |
|
Description similaire - HLMP-CE24 |