Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-SD11-LP000 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-SD11-LP000 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED |
7 / 9 page 7 Figure 8b. Representative spatial radiation pattern for minor axis. Intensity Bin Limits (mcd at 20 mA) Bin Name Min. Max. D65 85 E85 110 F 110 140 G 140 180 H 180 240 J 240 310 K 310 400 L 400 520 M 520 680 N 680 880 P 880 1150 Tolerance for each bin limit is ± 15%. Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. Figure 8a. Representative spatial radiation pattern for major axis. 1.0 0 ANGULAR DISPLACEMENT – DEGREES 0.8 0.6 0.2 -90 0.4 -60 0 -30 15 45 90 -45 -15 30 60 -75 75 1.0 0 ANGULAR DISPLACEMENT – DEGREES 0.8 0.6 0.2 -90 0.4 -60 0 -30 15 45 90 -45 -15 30 60 -75 75 Bin Name Min. Max. VA 2.0 2.2 VB 2.2 2.4 VC 2.4 2.6 Tolerance for each bin is ± 0.05 V. VF Bin Table[2] Blue Color Range (nm) Bin Min. Max. 1 460.0 464.0 2 464.0 468.0 3 468.0 472.0 4 472.0 476.0 5 476.0 480.0 Note: 1. All bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Avago representa- tives for further information. Color Bin Limits (nm at 20 mA) Tolerance for each bin limit is ± 0.5 nm. Green Color Range (nm) Bin ID Min. Max. 1 520.0 524.0 2 524.0 528.0 3 528.0 532.0 4 532.0 536.0 5 536.0 540.0 Tolerance for each bin limit is ± 0.5 nm. Amber Color Range (nm) Bin ID Min. Max. 1 584.5 587.0 2 587.0 589.5 4 589.5 592.0 6 592.0 594.5 Tolerance for each bin limit is ± 0.5 nm. |
Numéro de pièce similaire - HLMP-SD11-LP000 |
|
Description similaire - HLMP-SD11-LP000 |