Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-LM11 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-LM11 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 8 page 4 Figure 1. Relative intensity vs. wavelength. WAVELENGTH – nm 1.0 0.2 0 600 700 400 650 550 500 450 0.4 0.6 0.8 BLUE GREEN Electrical /Optical Characteristics Table TA = 25 °C Parameter Symbol Min. Typ. Max. Units Test Conditions Forward Voltage Blue ( λd = 470 nm) VF 3.8 4.0 V IF = 20 mA Green ( λd = 525 nm) 3.8 4.0 Reverse Voltage VR 5V IR = 10 µA Capacitance Blue ( λd = 470 nm) C 43 pF VF = 0, f = 1 MHz Green ( λd = 525 nm) 43 Thermal Resistance R θJ-PIN 240 °C/W LED Junction-to-Cathode Lead Peak Wavelength Blue ( λd = 470 nm) λP 467 nm Peak of Wavelength of Spectral Green ( λd = 525 nm) 520 Distribution at IF = 20 mA Spectral Halfwidth Blue ( λd = 470 nm) ∆λ1/2 24 nm Wavelength Width at Spectral Green ( λd = 525 nm) 35 Distribution Power Point at IF = 20 mA Luminous Efficacy Blue ( λd = 470 nm) ηv 75 lm/W Emitted luminous power/Emitted Green ( λd = 525 nm) 520 radiant power Notes: 1. 2 θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on axis intensity. 2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/ ηv where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. |
Numéro de pièce similaire - HLMP-LM11 |
|
Description similaire - HLMP-LM11 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |