Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1981BLJST-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD1981BLJST-REEL
Description  AC ??7 SoundMAX짰 Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD1981BLJST-REEL Datasheet HTML 6Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 7Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 8Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 9Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 10Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 11Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 12Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 13Page - Analog Devices AD1981BLJST-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
AD1981BL
–10–
Reset Register (Index 00h)
NOTES
X in the above table is a wild card and has no effect on the value.
Writing any value to this register performs a register reset that causes all registers to revert to their default values (except 74h, which forces the serial configuration).
Reading this register returns the ID code of the part and a code for the type of 3D stereo enhancement.
ID[9:0] Identify Capability. The ID decodes the capabilities of AD1981BL based on the following:
SE[4:0] Stereo Enhancement. The AD1981BL does not provide hardware 3D stereo enhancement (all bits are zeros).
Master Volume Register (Index 02h)
* For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect. All registers not shown and bits containing an X are assumed to be reserved.
Refer to Table I for examples. This register controls the Line_Out volume controls for both stereo channels and the mute bit. Each
volume subregister contains five bits, generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume
registers, to maintain compatibility whenever the D5 or D13 bits are set to 1, their respective lower five volume bits are automatically
set to 1 by the codec logic. On readback, all lower five bits will read 1s whenever these bits are set to 1.
RMV[4:0]
Right Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of 46.5 dB.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the MM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LMV[4:0]
Left Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of 46.5 dB.
MM
Master Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT
bit in Register 76h is set to 1, in which case this mute bit will affect only the left channel.
Bit
Function
AD1981BL
ID0
Dedicated Mic PCM In Channel
0
ID1
Modem Line Codec Support
0
ID2
Bass and Treble Control
0
ID3
Simulated Stereo (Mono to Stereo)
0
ID4
Headphone Out Support
1
ID5
Loudness (Bass Boost) Support
0
ID6
18-Bit DAC Resolution
0
ID7
20-Bit DAC Resolution
1
ID8
18-Bit ADC Resolution
0
ID9
20-Bit ADC Resolution
0
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0090h
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
02h
Master
MM
X
X
LMV4
LMV3
LMV2
LMV1
LMV0 RM
* XX
RMV4
RMV3 RMV2 RMV1 RMV0 8000h
Volume


Numéro de pièce similaire - AD1981BLJST-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1981BLJST-REEL AD-AD1981BLJST-REEL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Description similaire - AD1981BLJST-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1988A AD-AD1988A Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
Analog Devices
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com