Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE7163 Datasheet(Fiches technique) 2 Page - NTE Electronics

Numéro de pièce NTE7163
Description  Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7163 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7163 Datenblatt HTML 1Page - NTE Electronics NTE7163 Datasheet HTML 2Page - NTE Electronics NTE7163 Datenblatt HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VS = 14.4V, f = 1KHz, Rg = 600Ω, RL = 4Ω, TA = +25°C unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
Iq1
RL = ∞
190
350
mA
Output Offset Voltage
VOS
Play Mode
±80
mV
During Mute ON/OFF Output
Offset Voltage
dVOS
±80
mV
Voltage Gain
GV
25
26
27
dB
Channel Gain Unbalance
dGV
±1
dB
Output Power
PO
VS = 13.2V; THD= 10%
22
24
W
VS = 13.2V; THD = 0.8%
16.5
18
W
VS = 14.4V, THD = 10%
26
28
W
EIAJ Output Power
PO EIAJ VS = 13.7, Note 1
37.5
40
W
Max. Output Power
PO max. VS = 14.4V, Note 1
43
45
W
Total Harmonic Distortion
THD
PO = 4W
0.04
0.15
%
Output Noise
eno
“A” Weighted
50
70
µV
BW = 20Hz to 20kHz
70
100
µV
Supply Voltage Rejection
SVR
f = 100Hz Vr = 1Vrms
50
75
dB
High Cut−Off Frequency
fch
Po = 0.5W
80
200
kHz
Input Impedance
Ri
70
100
k
Cross Talk
Cr
f = 1kHz, PO = 4W
60
70
dB
f = 10kHz, PO = 4w
60
dB
St−By Current Consumption
ISB
VST−BY = 1.5V
50
µA
St−By Pin Current
Ipin4
VSt−By = 1.5V to 3.5V
±10
µA
St−By Out Threshold Voltage
VSB out Amp: ON
3.5
V
ST−By In Threshold Voltage
VSB in
AMP: OFF
1.5
V
Mute Attenuation
AM
POref = 4W
80
90
dB
Mute Out Threshold Voltage
VM out
Amp: Play
3.5
V
Mute In Threshold Voltage
VM in
Amp: Mute
1.5
V
VS Automute Threshold
VAM in
Amp: Mute, Att
≥ 80dB; POref = 4W
6.5
V
Amp: Play, Att
< 0.1dB; Po = 0.5W
7.6
8.5
V
Muting Pin Current
Ipin22
VMUTE = 1.5V (Sourced Current)
5
11
20
µA
VMUTE = 3.5V
−5
20
µA
Note 1. Saturated square wave output.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn