Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HB63 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HB63
Description  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB63 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB63 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

HLMP-HG63, HLMP-HM63, HLMP-HB63
Precision Optical Performance Red, Green and Blue
New 5mm Standard Oval LEDs
Data Sheet
Description
These Precision Optical Performance Oval LEDs are spe-
cifically designed for full color/video and passenger infor-
mation signs. The oval shaped radiation pattern and high
luminous intensity ensure that these devices are excellent
for wide field of view outdoor applications where a wide
viewing angle and readability in sunlight are essential.
The package epoxy contains both UV-A and UV-B inhibi-
tors to reduce the effects of long term exposure to direct
sunlight.
Applications
• Full color signs
Features
• Well defined spatial radiation pattern
• High brightness material
• Available in red, green and blue color.
Red
AlInGaP 626nm
Green InGaN
525nm
Blue
InGaN
470nm
• Superior resistance to moisture
• Standoff Package
• Tinted and diffused
• Typical viewing angle 40° x100°
Package Dimensions
Notes:
All dimensions in millimeters (inches).
Tolerance is ± 0.20mm unless other specified
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.


Numéro de pièce similaire - HLMP-HB63

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB61 AVAGO-HLMP-HB61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB61-QU0ZZ AVAGO-HLMP-HB61-QU0ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB64-QU0XX AVAGO-HLMP-HB64-QU0XX Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB65 AVAGO-HLMP-HB65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Description similaire - HLMP-HB63

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com