Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HEDS-97EX Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HEDS-97EX
Description  Small Optical Encoder Modules 200 LPI Analog Voltage Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-97EX Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-97EX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image

HEDS-97EX Series
Small Optical Encoder Modules
200 LPI Analog Voltage Output
Data Sheet
Description
The HEDS-97EX series is a small and high performance
optical incremental encoder module. When operated in
conjunction with either a codewheel or codestrip, this
module detects rotary or linear position. The encoder
module consists of a lensed LED source and a detector
IC enclosed in a small C-shaped plastic package. Due to a
highly collimated light source and a unique photodetec-
tor array, the module is extremely tolerant to mounting
misalignment.
The two channel analog outputs and 3.3V supply input
are accessed through four solder-plated leads located on
2.54 mm (0.1 inch.) centers.
HEDS-97EX is designed for use with an appropriate
optical radius codewheel. Please contact factory for more
information.
Features
• Small size
• Multiple mounting options
• Insensitive to radial and axial play
• 0°C to +60°C recommended operating temperature
• Two channel analog output
• Single 3.3V supply
• Wave solderable
• RoHS compliant
Specifications
• 200 LPI
• 3.3V supply*
* Typical conditions
Applications
• Printers
• Copiers/Fax
• Plotters
• Office automation equipments
ESD WARNING: NORMAL PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC DISCHARGE.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn