Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR755FV0T6 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STR755FV0T6
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Fiches technique(HTML) 1 Page - STMicroelectronics

  STR755FV0T6 Datasheet HTML 1Page - STMicroelectronics STR755FV0T6 Datasheet HTML 2Page - STMicroelectronics STR755FV0T6 Datasheet HTML 3Page - STMicroelectronics STR755FV0T6 Datasheet HTML 4Page - STMicroelectronics STR755FV0T6 Datasheet HTML 5Page - STMicroelectronics STR755FV0T6 Datasheet HTML 6Page - STMicroelectronics STR755FV0T6 Datasheet HTML 7Page - STMicroelectronics STR755FV0T6 Datasheet HTML 8Page - STMicroelectronics STR755FV0T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
July 2007
Rev 3
1/81
1
STR750Fxx STR751Fxx
STR752Fxx STR755Fxx
ARM7TDMI-S™ 32-bit MCU with Flash, SMI, 3 std 16-bit timers,
PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Features
Core
– ARM7TDMI-S 32-bit RISC CPU
– 54 DMIPS @ 60 MHz
Memories
– Up to 256 KB Flash program memory (10k
W/E cycles, retention 20 yrs @ 85°C)
– 16 KB Read-While-Write Flash for data
(100k W/E cycles, retention 20 yrs@ 85°C)
– Flash Data Readout and Write Protection
– 16KBytes embedded high speed SRAM
– Memory mapped interface (SMI) to ext.
Serial Flash (64 MB) w. boot capability
Clock, Reset and Supply Management
– Single supply 3.3V ±10% or 5V ±10%
– Embedded 1.8V Voltage Regulators
– Int. RC for fast start-up and backup clock
– Up to 60 MHz operation using internal PLL
with 4 or 8 MHz crystal/ceramic osc.
– Smart Low Power Modes: SLOW, WFI,
STOP and STANDBY with backup registers
– Real Time Clock, driven by low power
internal RC or 32.768 kHz dedicated osc,
for clock-calendar and Auto Wake-up
Nested interrupt controller
– Fast interrupt handling with 32 vectors
– 16 IRQ priorities, 2 maskable FIQ sources
– 16 external interrupt / wake-up lines
DMA
– 4-channel DMA controller
– Circular buffer management
– Support for UART, SSP, Timers, ADC
6 Timers
– 16-bit watchdog timer (WDG)
– 16-bit timer for system timebase functions
– 3 synchronizable timers each with up to 2
input captures and 2 output
compare/PWMs.
– 16-bit 6-ch. synchronizable PWM timer
– Dead time generation, edge/center-aligned
waveforms and emergency stop
– Ideal for induction/brushless DC motors
8 Communications Interfaces
–1 I2C interface
– 3 HiSpeed UARTs w. Modem/LIN capability
– 2 SSP interfaces (SPI or SSI) up to 16 Mb/s
– 1 CAN interface (2.0B Active)
– 1 USB full-speed 12 Mb/s interface with 8
configurable endpoint sizes
10-bit A/D Converter
– 16/11 chan. with prog. Scan Mode & FIFO
– Programmable Analog Watchdog feature
– Conversion time: min. 3.75 µs
– Start conversion can be triggered by timers
Up to 72/38 I/O ports
– 72/38 GPIOs with High Sink capabilities
– Atomic bit SET and RES operations
Table 1.
Device summary
Reference
Root part number
STR750Fxx STR750FV0, STR750FV1, STR750FV2
STR751Fxx STR751FR0, STR751FR1, STR751FR2
STR752Fxx STR752FR0, STR752FR1, STR752FR2
STR755Fxx
STR755FR0, STR755FR1, STR755FR2
STR755FV0, STR755FV1, STR755FV2
LQFP64 10x10 mm
LQFP100 14 x 14 mm
LFBGA64
8 x 8 x 1.7 mm
LFBGA100
10 x 10 x 1.7 mm
www.st.com


Numéro de pièce similaire - STR755FV0T6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STR755FV0T6 STMICROELECTRONICS-STR755FV0T6 Datasheet
1Mb / 73P
   ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FV0T6 STMICROELECTRONICS-STR755FV0T6 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FV0T6 STMICROELECTRONICS-STR755FV0T6 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
More results

Description similaire - STR755FV0T6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750F STMICROELECTRONICS-STR750F Datasheet
1Mb / 73P
   ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com