Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR755FXX Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STR755FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FXX Fiches technique(HTML) 5 Page - STMicroelectronics

  STR755FXX Datasheet HTML 1Page - STMicroelectronics STR755FXX Datasheet HTML 2Page - STMicroelectronics STR755FXX Datasheet HTML 3Page - STMicroelectronics STR755FXX Datasheet HTML 4Page - STMicroelectronics STR755FXX Datasheet HTML 5Page - STMicroelectronics STR755FXX Datasheet HTML 6Page - STMicroelectronics STR755FXX Datasheet HTML 7Page - STMicroelectronics STR755FXX Datasheet HTML 8Page - STMicroelectronics STR755FXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Introduction
5/81
3
Introduction
This Datasheet contains the description of the STR750F family features, pinout, Electrical
Characteristics, Mechanical Data and Ordering information.
For complete information on the Microcontroller memory, registers and peripherals. Please
refer to the STR750F Reference Manual.
For information on the ARM7TDMI-S core please refer to the ARM7TDMI-S Technical
Reference Manual available from Arm Ltd.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STR7 Flash Programming Reference Manual
For information on third-party development tools, please refer to the http://www.st.com/mcu
website.
3.1
Functional description
The STR750F family includes devices in 2 package sizes: 64-pin and 100-pin. Both types
have the following common features:
ARM7TDMI-STM core with embedded Flash & RAM
STR750F family has an embedded ARM core and is therefore compatible with all ARM tools
and software. It combines the high performance ARM7TDMI-STM CPU with an extensive
range of peripheral functions and enhanced I/O capabilities. All devices have on-chip high-
speed single voltage FLASH memory and high-speed RAM.
Figure 1 shows the general block diagram of the device family.
Embedded Flash Memory
Up to 256 KBytes of embedded Flash is available in Bank 0 for storing programs and data.
An additional Bank 1 provides 16 Kbytes of RWW (Read While Write) memory allowing it to
be erased/programmed on-the-fly. This partitioning feature is ideal for storing application
parameters.
When configured in burst mode, access to Flash memory is performed at CPU clock
speed with 0 wait states for sequential accesses and 1 wait state for random access
(maximum 60 MHz).
When not configured in burst mode, access to Flash memory is performed at CPU
clock speed with 0 wait states (maximum 32 MHz)
Embedded SRAM
16 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait states.
Enhanced Interrupt Controller (EIC)
In addition to the standard ARM interrupt controller, the STR750F embeds a nested interrupt
controller able to handle up to 32 vectors and 16 priority levels. This additional hardware
block provides flexible interrupt management features with minimal interrupt latency.


Numéro de pièce similaire - STR755FXX

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STR755FXX STMICROELECTRONICS-STR755FXX Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FXX STMICROELECTRONICS-STR755FXX Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
More results

Description similaire - STR755FXX

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750F STMICROELECTRONICS-STR750F Datasheet
1Mb / 73P
   ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com