Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54377RHFRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS54377RHFRG4
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54377RHFRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS54377RHFRG4 Datasheet HTML 3Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 4Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 5Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 6Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 7Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 8Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 9Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 10Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
−40
0
25
85
125
VI =3.3V
TJ − JunctionTemperature − °C
0
20
40
60
80
100
−40
0
25
85
125
VI =5V
TJ − JunctionTemperature − °C
450
−40
0
25
550
750
85
125
650
350
250
TJ − Junction Temperature − °C
SYNC
≥ 2.5 V
SYNC
≤ 0.8 V
0.889
−40
0
25
0.895
85
125
0.893
0.887
0.885
TJ − Junction Temperature − °C
0.891
1050
−40
0
25
1100
1200
85
125
1150
1000
T − JunctionT
J
emperature − C
o
RT=43kW
450
500
−40
0
25
600
85
125
550
400
T − JunctionT
J
emperature − C
o
RT=100kW
f − Frequency − Hz
60
40
0
0
10
100
1 k
10 k 100 k 1 M
80
100
140
10 M
120
20
−20
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
−200
RL= 10 kΩ,
CL = 160 pF,
TA = 25°C
Phase
Gain
TJ − Junction Temperature − °C
3.35
3.20
2.90
−40
0
25
85
3.50
3.65
125
3.80
3.05
2.75
0
0.2
0.4
0.6
0.8
1
1.2
0
1
1.5
2
2.5
0.5
3
I
− OutputCurrent − A
O
T =25 C,
A
o
f =700kHz,
V =5V,
V
=3.3V
s
I
O
TPS54377
SLVS779 – SEPTEMBER 2007
DRAIN-SOURCE ON-STATE
DRAIN-SOURCE ON-STATE
INTERNALLY SET OSCILLATOR
RESISTANCE
RESISTANCE
FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
EXTERNALLY SET OSCILLATOR
EXTERNALLY SET OSCILLATOR
FREQUENCY
FREQUENCY
VOLTAGE REFERENCE
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
INTERNAL SLOW-START TIME
DEVICE POWER LOSSES
ERROR AMPLIFIER
vs
vs
OPEN LOOP RESPONSE
JUNCTION TEMPERATURE
LOAD CURRENT
Figure 7.
Figure 8.
Figure 9.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS54377


Numéro de pièce similaire - TPS54377RHFRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54377 TI-TPS54377 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Description similaire - TPS54377RHFRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com