Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLP1394 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74GTLP1394
Description  2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1394 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74GTLP1394_07 Datasheet HTML 6Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 7Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 8Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 9Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 10Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 11Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 12Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 13Page - Texas Instruments SN74GTLP1394_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
Switching Characteristics
SN74GTLP1394
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES286F – OCTOBER 1999 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTLP (see Figure 3)
FROM
TO
PARAMETER
EDGE RATE(1)
TYP(2)
UNIT
(INPUT)
(OUTPUT)
tPLH
4.2
A
B
Slow
ns
tPHL
4.2
tPLH
3.6
A
B
Fast
ns
tPHL
3.6
tPLH
5.8
A
Y
Slow
ns
tPHL
5.8
tPLH
5.2
A
Y
Fast
ns
tPHL
5.2
tPLH
4.4
T/C
B
Slow
ns
tPHL
4.4
tPLH
3.8
T/C
B
Fast
ns
tPHL
3.8
ten
4.2
OEAB
B
Slow
ns
tdis
4.3
ten
3.6
OEAB
B
Fast
ns
tdis
3.3
Slow
2
tr
Rise time, B outputs (20% to 80%)
ns
Fast
1.2
Slow
2.5
tf
Fall time, B outputs (80% to 20%)
ns
Fast
1.8
(1)
Slow (ERC = GND) and Fast (ERC = VCC)
(2)
All typical values are at VCC = 3.3 V, TA = 25°C. All values are derived from TI-SPICE models.
10


Numéro de pièce similaire - SN74GTLP1394_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1394D TI-SN74GTLP1394D Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
SN74GTLP1394D TI1-SN74GTLP1394D Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394DGV TI-SN74GTLP1394DGV Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
SN74GTLP1394DGVR TI1-SN74GTLP1394DGVR Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394DR TI1-SN74GTLP1394DR Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

Description similaire - SN74GTLP1394_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com