Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDZ6V8AQ Fiches technique(PDF) 1 Page - AUK corp

No de pièce SDZ6V8AQ
Description  Low Cap. Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SDZ6V8AQ Fiches technique(HTML) 1 Page - AUK corp

  SDZ6V8AQ Datasheet HTML 1Page - AUK corp SDZ6V8AQ Datasheet HTML 2Page - AUK corp SDZ6V8AQ Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-D6D009-000
1
SDZ6V8AQ
Low Cap. Diode
Features
• Transient protection for data lines to IEC 61000-4-2(ESD) 15KV(air), 8KV(contact)
• Small package for use in portable equipment.
• 6.8V Low Capacitance Zener Diode
Applications
• ESD Protection
Ordering Information
Type NO.
Marking
Package Code
SDZ6V8AQ
T6
SOD-523
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
1.50~1.70
1.10~1.30
CATHODE MARK
2
1
PIN Connections
1. Anode
2. Cathode


Numéro de pièce similaire - SDZ6V8AQ

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SDZ6V8AQ KODENSHI-SDZ6V8AQ Datasheet
171Kb / 5P
   ESD Protection Zener Diode
SDZ6V8AQ KODENSHI-SDZ6V8AQ Datasheet
123Kb / 5P
   ESD Protection Zener Diode
SDZ6V8AQ KODENSHI-SDZ6V8AQ_18 Datasheet
123Kb / 5P
   ESD Protection Zener Diode
More results

Description similaire - SDZ6V8AQ

FabricantNo de pièceFiches techniqueDescription
logo
General Cable Technolog...
C3029 GENERAL-C3029 Datasheet
74Kb / 1P
   TYPE CMP LOW-CAP CABLE
C3030 GENERAL-C3030 Datasheet
74Kb / 1P
   TYPE CMP LOW-CAP CABLE
logo
Shanghai Yint Electroni...
PGB0603-05 YINT-PGB0603-05 Datasheet
538Kb / 5P
   Ultra Low Cap. ESD Suppressor
PGB0402-05 YINT-PGB0402-05 Datasheet
523Kb / 5P
   Ultra Low Cap. ESD Suppressor
PGB0402-12 YINT-PGB0402-12 Datasheet
522Kb / 5P
   Ultra Low Cap. ESD Suppressor
logo
ON Semiconductor
NUP2301 ONSEMI-NUP2301 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Shanghai Yint Electroni...
PGB0402-24 YINT-PGB0402-24 Datasheet
523Kb / 5P
   Ultra Low Cap. ESD Suppressor
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
logo
General Cable Technolog...
C3031 GENERAL-C3031 Datasheet
74Kb / 1P
   TYPE CMP LOW-CAP CABLE
logo
Shanghai Yint Electroni...
PGB0603-12 YINT-PGB0603-12 Datasheet
539Kb / 5P
   Ultra Low Cap. ESD Suppressor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com