Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3474CPW Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL3474CPW
Description  HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL3474CPW Fiches technique(HTML) 4 Page - Texas Instruments

  TL3474CPW Datasheet HTML 1Page - Texas Instruments TL3474CPW Datasheet HTML 2Page - Texas Instruments TL3474CPW Datasheet HTML 3Page - Texas Instruments TL3474CPW Datasheet HTML 4Page - Texas Instruments TL3474CPW Datasheet HTML 5Page - Texas Instruments TL3474CPW Datasheet HTML 6Page - Texas Instruments TL3474CPW Datasheet HTML 7Page - Texas Instruments TL3474CPW Datasheet HTML 8Page - Texas Instruments TL3474CPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TL3474, TL3474A
HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS
SLVS461B − JANUARY 2003 − REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
TL3474
TL3474A
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Input offset
VCC = 5 V
25
°C
1.5
10
1.5
3
VIO
Input offset
voltage
VCC = ±15 V
25
°C
1.0
10
1.0
3
mV
VIO
voltage
VCC = ±15 V
Full range‡
12
5
mV
αVIO
Temperature
coefficient of input
offset voltage
VIC = 0,
VO = 0,
RS = 50 Ω
VCC = ±15 V Full range‡
10
10
µV/°C
IIO
Input offset
O
RS = 50 Ω
VCC = ±15 V
25
°C
6
75
6
75
nA
IIO
Input offset
current
VCC = ±15 V
Full range‡
300
300
nA
IIB
Input bias current
VCC = ±15 V
25
°C
100
500
100
500
nA
IIB
Input bias current
VCC = ±15 V
Full range‡
700
700
nA
VICR
Common-mode
input voltage
RS = 50 Ω
25
°C
−15
to
12.8
−15
to
12.8
V
VICR
input voltage
range
RS = 50 Ω
Full range‡
−15
to
12.8
−15
to
12.8
V
VOH
High-level
VCC+ = 5 V, VCC− = 0,
RL = 2 kΩ
25
°C
3.7
4
3.7
4
V
VOH
High-level
output voltage
RL = 10 kΩ
25
°C
13.6
14
13.6
14
V
output voltage
RL = 2 kΩ
Full range‡
13.4
13.4
VOL
Low-level
VCC+ = 5 V, VCC− = 0,
RL = 2 kΩ
25
°C
0.1
0.3
0.1
0.3
V
VOL
Low-level
output voltage
RL = 10 kΩ
25
°C
−14.7
−14.3
−14.7
−14.3
V
output voltage
RL = 2 kΩ
Full range‡
−13.5
−13.5
AVD
Large-signal
differential
VO = ±10 V, RL = 2 kΩ
25
°C
25
100
25
100
V/mV
AVD
differential
voltage
amplification
VO = ±10 V, RL = 2 kΩ
Full range‡
20
20
V/mV
IOS
Short-circuit
Source: VID = 1 V,
VO = 0
25
°C
−10
−34
−10
−34
mA
IOS
Short-circuit
output current
Sink: VID = −1 V,
VO = 0
25
°C
20
27
20
27
mA
CMRR
Common-mode
VIC = VICR(min),
RS = 50 Ω
25
°C
65
97
80
97
dB
CMRR
Common-mode
rejection ratio
VIC = VICR(min),
RS = 50 Ω
25
°C
65
97
80
97
dB
kSVR
Supply-voltage
rejection ratio
(
∆VCC±/∆VIO)
VCC± = ±13.5 V to ±16.5 V,
RS = 100 Ω
25
°C
70
97
70
97
dB
VO = 0,
No load
25
°C
3.5
4.5
3.5
4.5
ICC
Supply current
(per channel)
VO = 0,
No load
Full range‡
4.5
5.5
4.5
5.5
mA
ICC
Supply current
(per channel)
VCC+ = 5 V, VO = 2.5 V,
VCC− = 0, No load
25
°C
3.5
4.5
3.5
4.5
mA
† All typical values are at TA = 25°C.
‡ Full range is 0°C to 70°C for the TL3474C, TL3474AC devices and −40°C to 105°C for the TL3474I, TL3474AI devices.


Numéro de pièce similaire - TL3474CPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3474CPW TI-TL3474CPW Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474CPWE4 TI-TL3474CPWE4 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474CPWR TI-TL3474CPWR Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474CPWRE4 TI-TL3474CPWRE4 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Description similaire - TL3474CPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com