Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Datasheet(Fiches technique) 6 Page - Everlight Electronics Co., Ltd

Numéro de pièce 4N25
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N25 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 4N25 Datenblatt HTML 2Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 3Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 4Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 5Page - Everlight Electronics Co., Ltd 4N25 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 7Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 8Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 9Page - Everlight Electronics Co., Ltd 4N25 Datenblatt HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 0
September 12, 2007
4N2X Series
4N3X Series
H11AX Series
Figure 11. Switching Time Test Circuit & Waveforms
IF
IC
RL
RIN
RBE
VCC
Output
Input
Input
Pulse
Output
Pulse
10%
90%
tf
tr
toff
ton


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn