Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS7800B Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS7800B
Description  3-Terminal Fixed Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7800B Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS7800B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS7800B series
3-8
2005/01 rev. B
TS7808B Electrical Characteristics
(Vin=14V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
7.68
8
8.32
Output Voltage
Vout
10.5V≤Vin≤23V,
10mA≤Iout≤1.5A, PD≤15W
7.60
8
8.40
V
10.5V≤Vin≤25V
--
6
160
Line Regulation
REGline
Tj=25
oC
11V≤Vin≤17V
--
2
80
10mA≤Iout≤1.5A
--
12
160
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
10.5V≤Vin≤25V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 11V≤Vin≤21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.8
--
mV/
oC
TS7809B Electrical Characteristics
(Vin=15V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
8.64
9
9.36
Output Voltage
Vout
11.5V≤Vin≤23V,
10mA≤Iout≤1.5A, PD≤15W
8.55
9
9.45
V
11.5V≤Vin≤26V
--
6
180
Line Regulation
REGline
Tj=25
oC
12V≤Vin≤17V
--
2
90
10mA≤Iout≤1.5A
--
12
180
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
11.5V≤Vin≤26V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 12V≤Vin≤22V
55
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Numéro de pièce similaire - TS7800B

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
525Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B_07 Datasheet
525Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
More results

Description similaire - TS7800B

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com