Moteur de recherche de fiches techniques de composants électroniques |
|
CS201 Fiches technique(PDF) 8 Page - Fujitsu Component Limited. |
|
CS201 Fiches technique(HTML) 8 Page - Fujitsu Component Limited. |
8 / 9 page CS201 Series 8 ■ DESIGN METHODS Fujitsu’s Reference Design Flow provides the following functions that help reduce the development time of large scale, high quality LSIs. • Statistical Static Timing Analysis (SSTA) improves timing convergence. • Physical Prototyping enables more accurate estimation of highly reliable designs. • Layout synthesis with optimized timing is realized by Physical Synthesis Tool. • High accuracy design environment considers drop in power supply voltage, signal noise, delay penalty and crosstalk. • I/O design environment (power line design, assignment and selection of I/Os, package selection) considers noise. ■ PACKAGES The CS201 series can use the same packages that were available for the previous series, allowing a smooth transition from previously developed models. For details of delivery time, contact Fujitsu. • FBGA packages • PBGA packages • TEBGA packages • FC-BGA packages |
Numéro de pièce similaire - CS201 |
|
Description similaire - CS201 |