Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM1060P Fiches technique(PDF) 5 Page - Power Innovations Ltd

No de pièce TCM1060P
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TCM1060P Fiches technique(HTML) 5 Page - Power Innovations Ltd

  TCM1060P Datasheet HTML 1Page - Power Innovations Ltd TCM1060P Datasheet HTML 2Page - Power Innovations Ltd TCM1060P Datasheet HTML 3Page - Power Innovations Ltd TCM1060P Datasheet HTML 4Page - Power Innovations Ltd TCM1060P Datasheet HTML 5Page - Power Innovations Ltd TCM1060P Datasheet HTML 6Page - Power Innovations Ltd TCM1060P Datasheet HTML 7Page - Power Innovations Ltd TCM1060P Datasheet HTML 8Page - Power Innovations Ltd TCM1060P Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PRODUCT
INFORMATION
APPLICATIONS INFORMATION
electrical characteristics
The electrical characteristics of a thyristor overvoltage protector are strongly dependent on junction
temperature, TJ. Hence a characteristic value will depend on the junction temperature at the instant of
measurement. The values given in this data sheet were measured on commercial testers, which generally
minimise the temperature rise caused by testing.
gated protector evolution and characteristics
This section covers three topics. Firstly, it is explained why gated protectors are needed. Second, the
performance of the original IC (integrated circuit) based version is described. Third, the performance
improvements given by the TISP61060 are detailed.
purpose of gated protectors
Fixed voltage thyristor overvoltage protectors have been used since the early 1980s to protect monolithic
SLICs (Subscriber Line Interface Circuits) against overvoltages on the telephone line caused by lightning, a.c.
power contact and induction. As the SLIC was usually powered from a fixed voltage negative supply rail, the
limiting voltage of the protector could also be a fixed value. The TISP1072F3 is a typical example of a fixed
voltage SLIC protector.
SLICs have become more sophisticated. To minimise power consumption, some designs automatically adjust
the supply voltage, VBAT, to a value that is just sufficient to drive the required line current. For short lines the
supply voltage would be set low, but for long lines, a higher supply voltage would be generated to drive
sufficient line current. The optimum protection for this type of SLIC would be given by a protection voltage
which tracks the SLIC supply voltage. This can be achieved by connecting the protection thyristor gate to the
SLIC supply, Figure 2. This gated (programmable) protection arrangement minimises the voltage stress on
the SLIC, no matter what value of supply voltage.
CROSS-REFERENCE FOR TISP61060 AND LB1201AB
TISP61060 PARAMETER
DATA SHEET
SYMBOL
ALTERNATIVE
SYMBOL
ALTERNATIVE PARAMETER
RATINGS & CHARACTERISTICS
LB1201AB
Non-repetitive peak on-state pulse current
ITSP
IP
Pulse current
Non-repetitive peak on-state current
ITSM
IP
RMS pulse current, 60 Hz
On-state voltage
VT
VON
On-state voltage
Switching current
IS
It
Trip current
Breakover voltage
V(BO)
VT
Trip voltage
Maximum continuous on-state current
ITM
IC
On-state current
Maximum continuous forward current
IFM
IC
On-state current
Gate voltage, (VGG is gate supply voltage referenced
to the A terminal)
VG
VS
Supply voltage
Off-state capacitance
CO
COFF
Off-state capacitance
TERMINALS
LB1201AB
Cathode 1
K1
Tip
Tip
Cathode 2
K2
Ring
Ring
Anode
A
GND
Ground
Gate
G
VS
Supply voltage


Numéro de pièce similaire - TCM1060P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM1060 TI-TCM1060 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results

Description similaire - TCM1060P

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com