Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS10P01G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS10P01G
Description  Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10P01G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS10P01G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10P01G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (TS10P01G THRU TS10P07G)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER BRIDGE ELEMENT
1
0
0
1
0
2
0
1
2
50
5
200
100
150
50
0
250
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
100
50
150
0
2
4
6
8
10
CASE TEMPERATURE. ( C)
o
FIG.5- TYPICAL FORWARD
PER BRIDGE ELEMENT
CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
100
10
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
Version: A06
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
1000
600
500
400
300
200
100
0
REVERSE VOLTAGE. (V)
200
500
Tj=25 C
0
50
0.1
0.5


Numéro de pièce similaire - TS10P01G_1

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS10P01G TSC-TS10P01G_11 Datasheet
138Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G_14 Datasheet
244Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Description similaire - TS10P01G_1

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G Datasheet
50Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_1 Datasheet
192Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G Datasheet
109Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ10005 BYTESONIC-GBJ10005 Datasheet
547Kb / 2P
   SINGLE PHASE 10.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_10 Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_09 Datasheet
194Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G_11 Datasheet
138Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_10 Datasheet
531Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_09 Datasheet
167Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1000G JGD-KBPC1000G Datasheet
125Kb / 2P
   SINGLE PHASE 10.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com