Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS10B03G Datasheet(Fiches technique) 1 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS10B03G
Description  Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10B03G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10B03G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10B03G Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 702 -
Version: B07
TS10B01G - TS10B07G
Single Phase 10.0 Amps.
Glass Passivated Bridge Rectifiers
TS4B
.118(3.0)X45
0
.043(1.1)
.035(0.9)
.087(2.2)
.071(1.8)
.303(7.7)
.287(7.3)
.030(0.75)
.022(0.55)
.709(18)
.669(17)
.068(1.73)
.060(1.52)
.176(4.37)
.156(3.96)
.147(3.7)
.130(3.3)
.602(15.3)
.579(14.7)
.134(3.4)
.122(3.1)
.996(25.3)
.972(24.7)
.366(9.3)
.382(9.7)
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating to 150 amperes peak
High case dielectric strength of 2000VRMS
Isolated voltage from case to lead over 2500
volts.
High temperature soldering guaranteed:
260
oC / 10 seconds / 0.375”(9.5mm) lead length
at 5 lbs (2.3Kg) tension
Mechanical Data
Case: Molded plastic
Terminals: Leads solderable per MIL-
STD-750 Method 2026
Weight: 0.15 ounce, 4 grams
Mounting torque: 5 in. lbs. max.
M
aximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS10B
01G
TS10B
02G
TS10B
03G
TS10B
04G
TS10B
05G
TS10B
06G
TS10B
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 2
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 5.0A
@ 10A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note)
RθJC
1.4
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Note: Thermal Resistance from Junction to Case with Device Mounted on 75mm x 75mm x 1.6mm
Cu Plate Heatsink.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GBU1001_1Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP201GSingle Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP151G_1Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP301GSingle Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBS2Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBL005Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TS4B01GSingle Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBS2_1Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBL005_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn