Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM1030P Fiches technique(PDF) 1 Page - Power Innovations Ltd

No de pièce TCM1030P
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TCM1030P Fiches technique(HTML) 1 Page - Power Innovations Ltd

  TCM1030P Datasheet HTML 1Page - Power Innovations Ltd TCM1030P Datasheet HTML 2Page - Power Innovations Ltd TCM1030P Datasheet HTML 3Page - Power Innovations Ltd TCM1030P Datasheet HTML 4Page - Power Innovations Ltd TCM1030P Datasheet HTML 5Page - Power Innovations Ltd TCM1030P Datasheet HTML 6Page - Power Innovations Ltd TCM1030P Datasheet HTML 7Page - Power Innovations Ltd TCM1030P Datasheet HTML 8Page - Power Innovations Ltd TCM1030P Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PRODUCT
INFORMATION
1
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
PROGRAMMABLE SLIC OVERVOLTAGE PROTECTION
q
Dual Voltage-Programmable Protectors
- Third Generation Design using Vertical
Power Technology
- Wide -5 V to -85 V Programming Range
- High 150 mA min. Holding Current
q
Reduced VBAT Supply Current
- Triggering Current is Typically 50x Lower
- Negative Value Power Induction Current
Removes Need for Extra Protection Diode
q
Rated for LSSGR & FCC Surges
q
Surface Mount and Through-Hole Options
- TISP61060P for Plastic DIP
- TISP61060D for Small-Outline
- TISP61060DR for Taped and Reeled
Small-Outline
q
Functional Replacements for
description
The TISP61060 is a dual forward-conducting
buffered
p-gate
overvoltage
protector.
It
is
designed to protect monolithic SLICs (Subscriber
Line Interface Circuits), against overvoltages on
the telephone line caused by lightning, a.c.
power contact and induction. The TISP61060
limits voltages that exceed the SLIC supply rail
voltage.
STANDARD
WAVE SHAPE
ITSP
A
LSSGR
10/1000 µs
30
FCC Part 68
10/160 µs
45
LSSGR
2/10 µs
50
PART NUMBERS
FUNCTIONAL
REPLACEMENT
TCM1030P, TCM1060P, LB1201AB
TISP61060P
TCM1030D, TCM1060D, LB1201AS
TISP61060D
TCM1030DR, TCM1060DR
TISP61060DR
The SLIC line driver section is typically powered from 0 V (ground) and a negative voltage in the region of
-10 V to -70 V. The protector gate is connected to this negative supply. This references the protection
(clipping) voltage to the negative supply voltage. As the protection voltage will track the negative supply
voltage, the overvoltage stress on the SLIC is minimised. (see Applications Information).
Positive overvoltages are clipped to ground by diode forward conduction. Negative overvoltages are initially
clipped close to the SLIC negative supply rail value. If sufficient current is available from the overvoltage, then
the protector will crowbar into a low voltage on-state condition. As the current subsides the high holding
current of the crowbar prevents d.c. latchup.
device symbol
Terminals K1, K2 and A correspond to the alternative
line designators of T, R and G or A, B and C. The
negative protection voltage is controlled by the voltage,
V
GG, applied to the G terminal.
SD6XAE
A
K1
G
K2
MD6XAO
'61060D PACKAGE
(TOP VIEW)
NC - No internal connection
Terminal typical application names shown in
parenthesis
1
2
3
4
5
6
7
8
K1
A
A
K2
G
K1
K2
NC
(Tip)
(Ground)
(Ground)
(Ring)
(V
S)
(Tip)
(Ring)
MD6XAP
'61060P PACKAGE
(TOP VIEW)
NC - No internal connection
Terminal typical application names shown in
parenthesis
1
2
3
4
5
6
7
8
K2
G
K1
NC
K1
A
A
K2
(Tip)
(Ground)
(Ground)
(Ring)
(V
S)
(Tip)
(Ring)


Numéro de pièce similaire - TCM1030P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM1030P TI-TCM1030P Datasheet
114Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results

Description similaire - TCM1030P

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com