Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G373GM Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AUP1G373GM
Description  Low-power D-type transparent latch; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G373GM Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G373GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G373GM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74AUP1G373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 July 2007
7 of 22
NXP Semiconductors
74AUP1G373
Low-power D-type transparent latch; 3-state
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.11 -
-
V
IO = −1.1 mA; VCC = 1.1 V
0.6
× V
CC
--
V
IO = −1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
IOZ
3-state output OFF-state
current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO =0A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO =0A;
VCC = 3.3 V
[1] --
75
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74AUP1G373GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G373GM NXP-74AUP1G373GM Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373GM NEXPERIA-74AUP1G373GM Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
More results

Description similaire - 74AUP1G373GM

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com