Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX85C91 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX85C91
Description  Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C91 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX85C91 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C91 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C91 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C91 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX85C91 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Admissible
Zener
Device
Current
f
ZT
I
ZT
f
ZT
IZK
(Note 2)
(Note 3)
(Note 3)
IR
VR
IZ
Min
Max
Ohm
mA
Ohms
mA
Min
Max
uA
V
mA
BZX85C62
58
66
<125
4.0
<2000
0.25
0.06
0.095
<0.5
47
16
BZX85C68
64
72
<130
4.0
<2000
0.25
0.055
0.095
<0.5
51
15
BZX85C75
70
80
<135
4.0
<2000
0.25
0.055
0.095
<0.5
56
14
BZX85C82
77
87
<200
2.7
<3000
0.25
0.055
0.095
<0.5
62
12
BZX85C91
85
96
<250
2.7
<3000
0.25
0.055
0.095
<0.5
68
10
BZX85C100
96
106
<350
2.7
<3000
0.25
0.055
0.095
<0.5
75
9.4
BZX85C110
104
116
<450
2.7
<4000
0.25
0.055
0.095
<0.5
82
8.6
BZX85C120
114
127
<550
2.0
<4500
0.25
0.055
0.095
<0.5
91
7.8
BZX85C130
124
141
<700
2.0
<5000
0.25
0.055
0.095
<0.5
100
7.0
BZX85C150
138
156
<1000
2.0
<6000
0.25
0.055
0.095
<0.5
110
6.4
BZX85C160
153
171
<1100
1.5
<6500
0.25
0.055
0.095
<0.5
120
5.8
BZX85C180
168
191
<1200
1.5
<7000
0.25
0.055
0.095
<0.5
130
5.2
BZX85C200
188
212
<1500
1.5
<8000
0.25
0.055
0.095
<0.5
150
4.7
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300us pulse width, period = 5ms.
3. f = 1KHz.
Zener Voltage
Dynamic Resistance
Temperature
Range (Note 1)
Coefficient of
V
% /
OC
Reverse Leakage
Zener Voltage
Current
Vz @ Izt
VZ @ IZ= IZT


Numéro de pièce similaire - BZX85C91

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZX85C91 EIC-BZX85C91 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX85C91 SUNMATE-BZX85C91 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C91 GOOD-ARK-BZX85C91 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
BZX85C91 VISHAY-BZX85C91 Datasheet
158Kb / 7P
   Zener Diodes
Rev. 1.8, 31-May-07
logo
Tak Cheong Electronics ...
BZX85C91 TAK_CHEONG-BZX85C91 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - BZX85C91

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZX84C2V4 TSC-BZX84C2V4 Datasheet
71Kb / 3P
   Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com