Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62243DRVRG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS62243DRVRG4
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62243DRVRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62243DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 9Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 10Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 11Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 12Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 13Page - Texas Instruments TPS62243DRVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
V 3.6V
V
1.8V
I
50
MODE=V
IN
OUT
OUT
IN
mA to200mA
V
50mV/Div
OUT
I
200mA/Div
coil
TimeBase-100ms/Div
I
200mA/Div
OUT
50mA
200mA
V 3.6Vto4.2V
500mV/Div
IN
V
=1.8V
50mV/Div
I
=50mA
MODE=GND
OUT
OUT
TimeBase-100 s/Div
m
V 3.6Vto4.2V
500mV/Div
IN
V
=1.8V
50mV/Div
I
=250mA
MODE=GND
OUT
OUT
TimeBase-100 s/Div
m
TimeBase-1 s/Div
m
MODE
2V/Div
SW
2V/Div
I
200mA/Div
coil
V =3.6
V
=1.8V
I
=10mA
IN
OUT
OUT
PFMMode
ForcedPWMMode
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
PFM LOAD TRANSIENT
PFM LINE TRANSIENT
Figure 17.
Figure 18.
MODE TRANSITION
PFM LINE TRANSIENT
PFM to PWM
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Numéro de pièce similaire - TPS62243DRVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62243DRVRG4 TI1-TPS62243DRVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Description similaire - TPS62243DRVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com